Electronic Components Datasheet Search
  English  ▼

X  

INA217 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA217
Description  Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA217 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA217 Datasheet HTML 2Page - Texas Instruments INA217 Datasheet HTML 3Page - Texas Instruments INA217 Datasheet HTML 4Page - Texas Instruments INA217 Datasheet HTML 5Page - Texas Instruments INA217 Datasheet HTML 6Page - Texas Instruments INA217 Datasheet HTML 7Page - Texas Instruments INA217 Datasheet HTML 8Page - Texas Instruments INA217 Datasheet HTML 9Page - Texas Instruments INA217 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
INA217
6
SBOS247A
www.ti.com
FIGURE 2. Input Stabilization Network.
V+
V–
V
O
2
1
8
3
5
4
6
7
V
IN–
V
IN+
INA217
47
Ω
47
Ω
1.2
µH
1.2
µH
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required for operation.
Power supplies should be bypassed with 0.1
µF tantalum
capacitors near the device pins. The output Reference (pin 5)
should be a low-impedance connection. Resistance of a few
ohms in series with this connection will degrade the com-
mon-mode rejection of the INA217.
GAIN-SET RESISTOR
Gain is set with an external resistor, RG, as shown in Figure 1.
The two internal 5k
Ω feedback resistors are laser-trimmed to
5k
Ω within approximately ±0.2%. The gain equation for the
INA217 is:
G
RG
=+
1
10 000
,
The temperature coefficient of the internal 5k
Ω resistors is
approximately
±25ppm/°C. Accuracy and TCR of the exter-
nal RG will also contribute to gain error and temperature drift.
These effects can be inferred from the gain equation. Make
a short, direct connection to the gain set resistor, RG. Avoid
running output signals near these sensitive input nodes
.
NOISE PERFORMANCE
The INA217 provides very low-noise with low-source imped-
ance. Its 1.3nV/
√Hz voltage noise delivers near-theoretical
noise performance with a source impedance of 200
Ω. The
input stage design used to achieve this low noise, results in
FIGURE 1. Basic Circuit Connections.
relatively high input bias current and input bias current noise.
As a result, the INA217 may not provide the best noise
performance with a source impedance greater than 10k
Ω.
For source impedance greater than 10k
Ω, other instrumen-
tation amplifiers may provide improved noise performance.
INPUT CONSIDERATIONS
Very low source impedance (less than 10
Ω) can cause the
INA217 to oscillate. This depends on circuit layout, signal
source, and input cable characteristics. An input network
consisting of a small inductor and resistor, as shown in
Figure 2, can greatly reduce any tendency to oscillate. This
is especially useful if a variety of input sources are to be
connected to the INA217. Although not shown in other
figures, this network can be used as needed with all applica-
tions shown.
A1
A2
A3
6k
Ω
6k
Ω
6
5
4
7
2
1
8
3
6k
Ω
6k
Ω
V
IN–
V
IN+
R
G
V+
V–
V+
V–
INA217
G = 1 +
10000
R
G
5k
Ω
5k
Ω
V
OUT
V
O
Sometimes Shown in
Simplified Form:
NOTE: (1) NC = No Connection.
REF
0.1
µF
0.1
µF
R
G
INA217
GAIN
R
G
(V/V)
(dB)
(
Ω)
10
NC
(1)
2
6
10000
5
14
2500
10
20
1111
20
26
526
50
34
204
100
40
101
200
46
50
500
54
20
1000
60
10
2000
66
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com