Electronic Components Datasheet Search
  English  ▼

X  

HA65A Datasheet(PDF) 2 Page - Bi technologies

Part # HA65A
Description  Surface Mount Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HA65A Datasheet(HTML) 2 Page - Bi technologies

  HA65A Datasheet HTML 1Page - Bi technologies HA65A Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount Power Inductors
Model HA65A
Make Possible
Electrical Characteristic @ 25°C
Packaging / Ordering Information
2 OF 2
www.bitechnologies.com
MAGNETIC COMPONENTS
We reserve the right to change specifications without prior notice.
Updated: 05 Sep 2014




HA65A -
2515
3R3
LF





Inductance Code:
“R” denotes a decimal point.
Model Series
Lead Free
Case Size
2 OF 2
www.bitechnologies.com
MAGNETIC COMPONENTS
We reserve the right to change specifications without prior notice.
Updated: 05 Sep 2014




HA65A -
2515
3R3
LF





Inductance Code:
“R” denotes a decimal point.
Model Series
Lead Free
Case Size
2 OF 2
www.bitechnologies.com
MAGNETIC COMPONENTS
We reserve the right to change specifications without prior notice.
Updated: 05 Sep 2014




HA65A -
2515
3R3
LF





Inductance Code:
“R” denotes a decimal point.
Model Series
Lead Free
Case Size
Rev.01
General Note
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
©TTElectronicsplc
www.ttelectronicsmagnetics.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com