Electronic Components Datasheet Search
  English  ▼

X  

HA55 Datasheet(PDF) 1 Page - Bi technologies

Part # HA55
Description  Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HA55 Datasheet(HTML) 1 Page - Bi technologies

  HA55 Datasheet HTML 1Page - Bi technologies HA55 Datasheet HTML 2Page - Bi technologies HA55 Datasheet HTML 3Page - Bi technologies HA55 Datasheet HTML 4Page - Bi technologies HA55 Datasheet HTML 5Page - Bi technologies HA55 Datasheet HTML 6Page - Bi technologies HA55 Datasheet HTML 7Page - Bi technologies HA55 Datasheet HTML 8Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Power Inductor
MODEL HA55
Magnetics
OperatingTemperatureRange-40°Cto+155°C
Highinductance,highefficiencyandexcellent
currenthandling
UseasDC-DCconverterandinhighcurrent
applications,suitableforindustrialaswellas
automotiveapplication
RoHSCompliant
AEC-Q200Certified
Notes : (1) Inductance is measured at 100kHz, 0.1Vrms, 0Adc.
(2)TheratedcurrentistheapproximateDCcurrentatwhichΔTisapproximately60°C.Thiscurrentisdeterminedbysoldering
theunitonatypicalapplicationPCB,andthenapplyingthecurrenttotheunitfor30minutes.
(3)Isatisthesaturationcurrentatwhichinductancerollsoffapproximately30%fromitsinitialunbiasinductancevalue.
*Lowcostversion
Part Number
Inductance
100kHz, 100mV
(μH) TYP
@Rated Current
Inductance
100kHz, 100mV
(μH) TYP
I
rated
Rated
Current (A)
I
sat
Saturation
Current (A)
DC Resistance
SRF
MHz
Type
Figure
mΩ
Typ
mΩ
Max
HA55-3623200LF
20.00
14.50
33.00
35.0
3.35
3.85
14.0
1
HA55-3023115LF
11.50
8.24
39.00
43.0
2.30
2.76
33.0
2
HA55-2223070LF
7.00
5.33
40.00
48.0
1.70
2.00
33.0
3
HA55-3023130LF
13.00
9.33
37.00
40.0
2.50
3.25
19.0
4
HA55L-3623220LF*
22.00
13.00
34.00
26.0
3.35
3.85
12.0
1
HA55L-3023135LF*
13.50
8.42
39.00
30.0
2.30
2.76
33.0
2
HA55L-2223088LF*
8.83
5.52
41.00
33.0
1.70
2.00
36.0
3
HA55L-3023163LF*
16.30
9.38
37.00
27.0
2.50
3.25
25.0
4
HA55L-3623400LF*
40.00
24.00
26.00
20.0
5.70
6.20
8.25
1
HA55L-4523500LF*
50.00
26.00
32.00
20.0
7.25
8.35
6.85
5
Specifications@25°C
ElectricalSchematic
Rev.02
GeneralNote
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
©TTElectronicsplc
www.ttelectronicsmagnetics.com
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - HA55

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HA55 TTELEC-HA55 Datasheet
668Kb / 8P
RoHS Compliant
logo
Beijing Yaohuadechang E...
HA55 YHDC-HA55 Datasheet
5Mb / 1P
Hall closed loop current sensor
logo
TT Electronics.
HA55-2223070LF TTELEC-HA55-2223070LF Datasheet
668Kb / 8P
RoHS Compliant
HA55-3023115LF TTELEC-HA55-3023115LF Datasheet
668Kb / 8P
RoHS Compliant
HA55-3023130LF TTELEC-HA55-3023130LF Datasheet
668Kb / 8P
RoHS Compliant
More results

Similar Description - HA55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com