Electronic Components Datasheet Search
  English  ▼

X  

EN08-C Datasheet(PDF) 1 Page - Bi technologies

Part # EN08-C
Description  8 mm Rotary Encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

EN08-C Datasheet(HTML) 1 Page - Bi technologies

  EN08-C Datasheet HTML 1Page - Bi technologies EN08-C Datasheet HTML 2Page - Bi technologies EN08-C Datasheet HTML 3Page - Bi technologies EN08-C Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model EN08
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
1/3/2014
page 1 of 4
BI technologies
8 mm Rotary Encoder
2 Bits Gray Code
Incremental/Contacting Type
Metal Bushing/Shaft
S.P.S.T. Momentary Switch Option
Dual Encoders with Concentric Shaft
RoHS Compliant
MODEL STYLES
Side Adjust, Single Encoder
EN08-N
Side Adjust, Single Encoder, with Momentary Switch
EN08-S
Side Adjust, Dual Encoders, Concentric shaft
EN08-C
ELECTRICAL1
Pulses ( Per Revolution )
10
Encoder Closed Circuit Resistance
3.0 Ohms, max.
Encoder Contact Rating
1.0mA/ 5Vdc
Operating Current, Maximum
1.0mA
Dielectric Strength
200Vac, I minute
Insulation Resistance, Minimum
100M Ohms
Sliding Noise ( at 60 RPM )
5 ms max.
Contact Bounce ( at 15 RPM)
10 ms max.
Operating Speed ( RPM ), Maximum
30 RPM
Switch Power rating
10mA/ 5Vdc
Switch Contact Resistance
100 milliohms
Actual Electrical Travel, Nominal
Continuous
MECHANICAL
Total Mechanical Travel
Continuous
Detents ( per Revolution)
0, 20
Rotational Torque of Detent, Maximum
1.0 oz-in
Switch Operating Force, Maximum
850 gf
Switch Travel, Maximum
0.5mm
ENVIRONMENTAL
Operating Temperature Range
-30
C to +70C
Operation Life
Switch: 15,000 actuations, Encoder : 50,000 cycles
1
Specifications subject to change without notice.


Similar Part No. - EN08-C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
EN08-ND16F20 TTELEC-EN08-ND16F20 Datasheet
505Kb / 5P
8 mm rotary encoder
EN08-ND17F20 TTELEC-EN08-ND17F20 Datasheet
505Kb / 5P
8 mm rotary encoder
EN08-ND26F20 TTELEC-EN08-ND26F20 Datasheet
505Kb / 5P
8 mm rotary encoder
EN08-ND27F20 TTELEC-EN08-ND27F20 Datasheet
505Kb / 5P
8 mm rotary encoder
logo
Bi technologies
EN08-S BITECH-EN08-S Datasheet
101Kb / 4P
8 mm Rotary Encoder
More results

Similar Description - EN08-C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EM14 BOURNS-EM14 Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
EM14 BOURNS-EM14_10 Datasheet
499Kb / 5P
14 mm Rotary Optical Encoder w/Switch
logo
Bi technologies
EN08-S BITECH-EN08-S Datasheet
101Kb / 4P
8 mm Rotary Encoder
logo
Omron Electronics LLC
E6C2CWZ3E-100PR2M OMRON-E6C2CWZ3E-100PR2M Datasheet
322Kb / 5P
Slim Incremental 50-mm-dia. Rotary Encoder
E6C2-CWZ6C OMRON-E6C2-CWZ6C Datasheet
322Kb / 5P
Slim Incremental 50-mm-dia. Rotary Encoder
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
Rotary Encoder
EN08 TTELEC-EN08 Datasheet
505Kb / 5P
8 mm rotary encoder
logo
Omron Electronics LLC
E6B2-C OMRON-E6B2-C Datasheet
505Kb / 5P
Incremental 40-mm-dia. Rotary Encoder
logo
MultiDimension Technolo...
TMR3IH17 MULTIDIMENSION-TMR3IH17 Datasheet
721Kb / 4P
Φ17 mm Compact Size Rotary Encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com