Electronic Components Datasheet Search
  English  ▼

X  

8154 Datasheet(PDF) 1 Page - Bi technologies

Part # 8154
Description  Position Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

8154 Datasheet(HTML) 1 Page - Bi technologies

  8154 Datasheet HTML 1Page - Bi technologies 8154 Datasheet HTML 2Page - Bi technologies 8154 Datasheet HTML 3Page - Bi technologies 8154 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
Position Sensor
7/8” Diameter
10 turn* Non-Contacting
Hall Effect
Model 8150
8151
1/8” Shaft, 1/4” Bushing
8153
1/8” Shaft, Servo Mount
8154
6 mm shaft, 3/8” Bushing
8156
1/4” shaft, 3/8” Bushing
Total Mechanical Travel
Up to 3600° continuous
Bearing
Bushing models use bronze sleeve, Servo model uses two ball bearings
Weight
0.7 oz nominal
Panel Nut Tightening Torque
25 in. lb. maximum
Start/Run Torque (ES option adds 0.5 oz.-in.)
< 0.1 oz-in
MODEL STYLES AVAILABLE
MECHANICAL
ELECTRICAL1
1
Specifications subject to change without notice.
2
Linearity is measured per voltage code range, inset by 1% of input voltage on each end.
* Model available in 3 & 5 turn versions.
February 16 2016
Model 8150 page 1 of 4
Input Voltage
4.5 to 5.5 Vdc nominal
Output Voltage
0.2 Vdc (4%) to 4.8 Vdc (96%) Typical (see Feature Codes table)
Output Overvoltage Limits
10 Vdc to -0.3 Vdc; output may be shorted to ground or supply without damage
Output Current
±15 mA maximum
Output Load
1 kΩ Min., 10 kΩ typical
Supply Voltage Absolute Limits
20 Vdc Max., -10 Vdc minimum
Independent Linearity2
±0.5% (0.25% Available)
Hysteresis
10° maximum (10 turn), 5° maximum (5 turn), 3° maximum (3 turn)
Resolution
0.88° for 3600° travel, 0.44° for 1800° travel, 0.27° for 1080° travel
Supply Current
8.5 mA typical, 12 mA maximum
Dielectric Strength
750 V rms
Insulation Resistance
1,000 MegΩ minimum
Electrostatic Discharge (ESD)
Passes 2 kV human body model and 15 kV air discharge
Bulk Current Injection (BCI)
Passes 2-500 MHz at 200 mA
Actual Electrical Travel
Same as mechanical travel
Temperature Coefficient of Output Voltage
± 20 ppm/°C
RoHS 2
compliant
Pb


Similar Part No. - 8154

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8154 FILTRAN-8154 Datasheet
268Kb / 2P
T1/CEPT Quad Port T1/E1
logo
Keystone Electronics Co...
8154 KEYSTONE-8154 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
RAF ELECTRONIC HARDWARE
8154-832-A RAF-8154-832-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
logo
Festo Corporation.
8154036 FESTO-8154036 Datasheet
109Kb / 2P
Pneumatic interface
8154039 FESTO-8154039 Datasheet
115Kb / 2P
Pneumatic interface
More results

Similar Description - 8154

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6121 BITECH-6121 Datasheet
495Kb / 3P
Position Sensor
404 BITECH-404 Datasheet
242Kb / 3P
Position Sensor
logo
Melexis Microelectronic...
MLX90333 MELEXIS-MLX90333_17 Datasheet
881Kb / 48P
Position Sensor
logo
Festo Corporation.
189040 FESTO-189040 Datasheet
75Kb / 1P
Position sensor
SMH-S1-HGD16 FESTO-SMH-S1-HGD16 Datasheet
81Kb / 1P
Position sensor
SMH-S1-HGP06 FESTO-SMH-S1-HGP06 Datasheet
73Kb / 1P
Position sensor
SRBS-Q12-8-E270-EP-1-S-M8 FESTO-SRBS-Q12-8-E270-EP-1-S-M8 Datasheet
104Kb / 2P
Position sensor
2393546 FESTO-2393546 Datasheet
106Kb / 2P
Position sensor
2393548 FESTO-2393548 Datasheet
108Kb / 2P
Position sensor
2393549 FESTO-2393549 Datasheet
111Kb / 2P
Position sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com