Electronic Components Datasheet Search
  English  ▼

X  

7381 Datasheet(PDF) 1 Page - Bi technologies

Part # 7381
Description  7/8 Diameter 3-Turn Wirewound Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7381 Datasheet(HTML) 1 Page - Bi technologies

  7381 Datasheet HTML 1Page - Bi technologies 7381 Datasheet HTML 2Page - Bi technologies 7381 Datasheet HTML 3Page - Bi technologies 7381 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
7/8” Diameter
3 Turn Wirewound
Precision Potentiometer
Model 7380
Total Mechanical Travel
1080° +15° -0°
Number of Gangs
2 maximum
Weight (single gang)
0.75 oz. nominal
Backlash
1° maximum
7381, 7386
7383
Static Stop Strength
maximum
48 oz.-in.
36 oz.-in.
Panel Nut Tightening Torque
maximum
25 lb.-in.
n/a
Shaft End Play
maximum
0.010”
0.005”
Shaft Runout
maximum T.I.R.
0.003”
0.002”
Pilot Diameter Runout
maximum T.I.R.
0.004”
0.002”
Lateral Runout
maximum T.I.R.
0.005”
0.004”
Shaft Radial Play
maximum
0.003”
0.002”
Start/Run Torque (per gang, ES option adds 0.5 oz.-in.)
maximum 1.2 oz.-in.
0.9 oz.-in.
MECHANICAL
ELECTRICAL1
1
Specifications subject to change without notice.
2
Linearity is measured between 1% and 99% of input voltage.
Resistance Range
100 to 30K ohms
Standard Resistance Tolerance
±5%
Minimum Practical Resistance Tolerance
±1%
Independent Linearity2
±0.30% (<500 ohms), ±0.25% (≥500 ohms)
Minimum Practical Independent Linearity
±0.30% (<500 ohms), ±0.20% (≥500 ohms)
Power Rating
1.5 Watts at 70°C, derating to 0 at 125°C
Dielectric Strength
1,000 V rms
Insulation Resistance
1,000 Megohms minimum
Noise
100 ohms maximum
Actual Electrical Travel
1080° +10° -0° (>100 ohms), 1080° +10° -5° (≤100 ohms)
End Voltage
maximum 0.25% of input voltage
Tap Tolerance
±3°
February 19, 2015
Model 7380 page 1 of 4
7381
1/8” Shaft, 1/4” Bushing
7383
1/8” Shaft, Servo
7386
1/4” Shaft, 3/8” Bushing
7388 (for heavy side load applications)
1/4” Shaft, 3/8” Bushing
MODEL STYLES AVAILABLE
RoHS 2
compliant
Pb


Similar Part No. - 7381

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7381 3M-7381 Datasheet
553Kb / 4P
3M™ Tamper-Evident Label Materials
logo
List of Unclassifed Man...
7381 ETC2-7381 Datasheet
338Kb / 1P
LED SPACER MOUNTS
7381 ETC2-7381 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
Keystone Electronics Co...
7381 KEYSTONE-7381 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
logo
Molex Electronics Ltd.
73810-1000 MOLEX8-73810-1000 Datasheet
175Kb / 4P
2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical SMC, Press-Fit, Double End Option, Slide On Housing, 144 Circuits
More results

Similar Description - 7381

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
7480 BITECH-7480 Datasheet
78Kb / 5P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
7/8 Diameter Single Turn Wirewound Precision Potentiometer
5710 BITECH-5710 Datasheet
120Kb / 4P
3 Diameter Single Turn Wirewound Precision Potentiometer
7280 BITECH-7280 Datasheet
77Kb / 5P
7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
7/8 Diameter 3-Turn Wirewound Precision Potentiometer
9300 BITECH-9300 Datasheet
60Kb / 4P
1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
9301 BITECH-9301 Datasheet
60Kb / 4P
1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
7/8 Diameter 10-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com