Electronic Components Datasheet Search
  English  ▼

X  

7246 Datasheet(PDF) 3 Page - Bi technologies

Part # 7246
Description  Precision Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7246 Datasheet(HTML) 3 Page - Bi technologies

  7246 Datasheet HTML 1Page - Bi technologies 7246 Datasheet HTML 2Page - Bi technologies 7246 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2
2-91
Model 7246
OUTLINE DIMENSIONS (Inch/mm)
.625
15.9
R Max.
Slot
.032
±.005
0.813
±0.127
Wide
.032+.010
-.000
0.813+0.254
-0.000
Deep
Angular Location
Optional
.875
±.016
22.2
±0.41
Dia.
Mounting Surface
.812
±.031
20.6
±0.79
+.0000
-.0005
+0.0000
-0.0127
Dia.
+.000
-.002
+0.00
-0.05
Dia.
.2500
6.350
.406
10.312
Chamfer
.016/0.41 Max. x 45
°
3/8 - 32 UNEF Thread
.312
±.016
7.93
±0.41
+.000
-.010
+0.00
-0.25
.062
1.575
Dia.
1.469
37.31
Max.
Slider
CCW
CW
ORDERING INFORMATION
7246 R 10K T2 L .25 XX
Model Series
Resistance Prefix
Resistance Value
Optional Special
Feature Code
Linearity
Optional
Non-Standard Tolerance
MATCHING TURNS COUNTING DIALS
2606, 2606S, 2607, 2607S, 2626, 2627, 2646, 2646S, 2647, 2647S, 2126, RB
(CCW)
(S)
(CW)
Metric equivalents, based on 1 inch = 25.4mm are rounded to
the same number of significant figures as in the original
English units and are provided for general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches
(.25mm)
Angular = ± 2 degrees
NOTES
mm
INCH
CIRCUIT DIAGRAM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com