Electronic Components Datasheet Search
  English  ▼

X  

7286 Datasheet(PDF) 1 Page - Bi technologies

Part # 7286
Description  7/8 Diameter 10-Turn Wirewound Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

7286 Datasheet(HTML) 1 Page - Bi technologies

  7286 Datasheet HTML 1Page - Bi technologies 7286 Datasheet HTML 2Page - Bi technologies 7286 Datasheet HTML 3Page - Bi technologies 7286 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
7/8” Diameter
10 Turn Wirewound
Precision Potentiometer
Model 7280
Total Mechanical Travel
3600° +15° -0°
Number of Gangs
2 maximum
Weight (single gang)
0.75 oz. nominal
Backlash
1° maximum
7281, 7284, 7286, 7288
7283
Static Stop Strength
maximum
48 oz.-in.
36 oz.-in.
Panel Nut Tightening Torque
maximum
25 lb.-in.
n/a
Shaft End Play
maximum
0.010”
0.005”
Shaft Runout
maximum T.I.R.
0.003”
0.002”
Pilot Diameter Runout
maximum T.I.R.
0.004”
0.002”
Lateral Runout
maximum T.I.R.
0.005”
0.004”
Shaft Radial Play
maximum
0.003”
0.002”
Start/Run Torque (per gang, ES option adds 0.5 oz.-in.)
maximum 0.8 oz.-in.
0.6 oz.-in.
MECHANICAL
ELECTRICAL1
1
Specifications subject to change without notice.
2
Linearity is measured between 1% and 99% of input voltage.
Resistance Range
100 to 100K ohms
Standard Resistance Tolerance
±5%
Minimum Practical Resistance Tolerance
±1%
Independent Linearity2
±0.25%
Minimum Practical Independent Linearity
±0.15% (<300 ohms), ±0.075% (≥300 ohms)
Power Rating
2.0 Watts at 70°C, derating to 0 at 125°C
Dielectric Strength
1,000 V rms
Insulation Resistance
1,000 Megohms minimum
Noise
100 ohms maximum
Actual Electrical Travel
3600° +10° -0° (>100 ohms), 3600° +10° -5° (≤100 ohms)
End Voltage
maximum 0.25% of input voltage
Tap Tolerance
±3°
September 1, 2015
Model 7280 page 1 of 4
7281
1/8” Shaft, 1/4” Bushing
7283
1/8” Shaft, Servo
7284
6 mm shaft, 3/8” Bushing
7286
1/4” Shaft, 3/8” Bushing
7288 (for heavy side load applications)
1/4” Shaft, 3/8” Bushing
MODEL STYLES AVAILABLE
RoHS 2
compliant
Pb


Similar Part No. - 7286

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7286 POMONA-7286 Datasheet
64Kb / 1P
XLR (M) / Triple Binding Post
logo
Whirlpool.
7286039 WHIRLPOOL-7286039 Datasheet
1Mb / 23P
How to install, operate and maintain your Demand Controlled Water Softener
Rev B 6/13/12
logo
FCI connector
72861-201LF FCI-CONNECTOR-72861-201LF Datasheet
284Kb / 3P
SHIELDED CABLE CONNECTOR
logo
Bi technologies
7286R100KT2L.25XX BITECH-7286R100KT2L.25XX Datasheet
77Kb / 5P
7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7286R100T2L.25XX BITECH-7286R100T2L.25XX Datasheet
77Kb / 5P
7/8 Diameter 10-Turn Wirewound Precision Potentiometer
More results

Similar Description - 7286

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
7480 BITECH-7480 Datasheet
78Kb / 5P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
5100 BITECH-5100 Datasheet
104Kb / 4P
7/8 Diameter Single Turn Wirewound Precision Potentiometer
7280 BITECH-7280 Datasheet
77Kb / 5P
7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7600 BITECH-7600 Datasheet
63Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
AR10KT2L.25XX BITECH-AR10KT2L.25XX Datasheet
103Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
7601 BITECH-7601 Datasheet
64Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
7/8 Diameter 3-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com