Electronic Components Datasheet Search
  English  ▼

X  

6153 Datasheet(PDF) 1 Page - Bi technologies

Part # 6153
Description  Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

6153 Datasheet(HTML) 1 Page - Bi technologies

  6153 Datasheet HTML 1Page - Bi technologies 6153 Datasheet HTML 2Page - Bi technologies 6153 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
7/8” Diameter
Single Turn
Non-contacting
Position Sensor
Model 6150 Series
6153
1/8” Shaft, dual ball bearing
615x-XXXX
Custom models are available; Contact Customer Service for special features
Total Mechanical Travel
360° continuous
Number of Gangs
1 maximum
Weight
0.4 oz. nominal
Shaft Runout
maximum T.I.R. 0.003”
Pilot Diameter Runout
maximum T.I.R. 0.003”
Lateral Runout
maximum T.I.R. 0.003”
Shaft Radial Play
maximum 0.005”
Start/Run Torque
maximum 0.5 oz.-in.
Rotational Speed
maximum 1,000 RPM
MODEL STYLES AVAILABLE
MECHANICAL
1
Specifications subject to change without notice.
2
Linearity is measured between 1% and 99% of input voltage.
3
Measured with 5 VDC supply and 50% of electrical travel
September 24, 2013
Model 6150 Series page 1 of 3
ELECTRICAL1
Output Voltage
0.2 Vdc (4%) to 4.8 Vdc (96%) Typical (see Feature Codes table)
Output Overvoltage Limits
10 Vdc to -0.3 Vdc; output may be shorted to ground or supply without damage
Output Current
±8 mA maximum
Output Load
1 kΩ minimum, 10 kΩ typical
Input Voltage
4.5 to 5.5 Vdc
Supply Voltage Absolute Limits
20 Vdc maximum, -10 Vdc minimum
Independent Linearity2
±0.5% (0.25% available)
Hysteresis
0.2% maximum
Resolution
0.088° for 360° travel, 0.011° for 45° travel
Supply Current
8.5 mA typical, 12 mA maximum
Dielectric Strength
750 V rms
Insulation Resistance
1,000 Megohms minimum
Electrostatic Discharge (ESD)
Passes 2 kV human body model and 15 kV air discharge
Bulk Current Injection (BCI)
Passes 2-500 MHz at 200 mA
Actual Electrical Travel
360° typical (see Ordering Information)
Temperature Coefficient of Output Voltage3
± 20 ppm/°C
RoHS 2
compliant
Pb


Similar Part No. - 6153

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
6153 GILWAY-6153 Datasheet
33Kb / 1P
T- Subminiature Lamps
logo
GEDORE Werkzeugfabrik G...
6153150 GEDORE-6153150 Datasheet
83Kb / 1P
Screwdriver bit socket 1/2" for in
More results

Similar Description - 6153

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6121 BITECH-6121 Datasheet
495Kb / 3P
Position Sensor
404 BITECH-404 Datasheet
242Kb / 3P
Position Sensor
logo
Melexis Microelectronic...
MLX90333 MELEXIS-MLX90333_17 Datasheet
881Kb / 48P
Position Sensor
logo
Festo Corporation.
189040 FESTO-189040 Datasheet
75Kb / 1P
Position sensor
SMH-S1-HGD16 FESTO-SMH-S1-HGD16 Datasheet
81Kb / 1P
Position sensor
SMH-S1-HGP06 FESTO-SMH-S1-HGP06 Datasheet
73Kb / 1P
Position sensor
SRBS-Q12-8-E270-EP-1-S-M8 FESTO-SRBS-Q12-8-E270-EP-1-S-M8 Datasheet
104Kb / 2P
Position sensor
2393546 FESTO-2393546 Datasheet
106Kb / 2P
Position sensor
2393548 FESTO-2393548 Datasheet
108Kb / 2P
Position sensor
2393549 FESTO-2393549 Datasheet
111Kb / 2P
Position sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com