Electronic Components Datasheet Search
  English  ▼

X  

405 Datasheet(PDF) 1 Page - Bi technologies

Part # 405
Description  Precision Potentiometer / Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

405 Datasheet(HTML) 1 Page - Bi technologies

  405 Datasheet HTML 1Page - Bi technologies 405 Datasheet HTML 2Page - Bi technologies 405 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
Linear Actuation, Low Cost
Conductive Plastic
Precision Potentiometer /
Position Sensor
Model 405 Series
ELECTRICAL1
1
Specifications subject to change without notice.
2
Linearity is measured between 1% and 99% of input voltage.
3
Special hybrid TCR available to ±100 ppm/°C for narrower range of resistance.
4
Measured with 10 VDC CW to CCW and slider at 50% of electrical travel.
Resistance Range
see Table 1
Standard Resistance Tolerance
±20%
Minimum Practical Resistance Tolerance
±10%
Independent Linearity2
see Table 1
Minimum Practical Independent Linearity
see Table 1
Input Voltage
400 VDC maximum, not to exceed power rating
Power Rating
see Table 1 for Watts at 85°C, derating to 0 at 125°C
Dielectric Withstanding Voltage
1,000 V rms
Insulation Resistance
1,000 Megohms minimum at 500 VDC
Output smoothness
0.1% maximum at 10” to 18” per minute
Actual Electrical Travel
see Table 1
Electrical Continuity Travel
within mechanical travel
End Voltage
maximum 0.5% of input voltage
Resolution
essentially infinite
Temperature Coefficient of Resistance3
-400 +/-400 ppm/°C typical
Temperature Coefficient of Output Voltage4
±10 ppm/°C typical
July 29, 2014
Model 405 page 1 of 3
Model #
Shaft
Termination Style
Weight (grams)
405
1/8” plain
Wire Leads
28 + (16 x mechanical travel)
MODEL STYLES AVAILABLE
Total Mechanical Travel
see Table 1
Actuating Force
10 oz. maximum
Shaft Rotation
continuous
Backlash
0.003” maximum
Static Stop Strength
10 lb. minimum
MECHANICAL
RoHS 2
compliant
Pb


Similar Part No. - 405

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
405 STMICROELECTRONICS-405 Datasheet
70Kb / 7P
NPN Silicon RF Transistor
03-Jul-2002
logo
CTS Corporation
405 CTS-405 Datasheet
135Kb / 3P
Surface Mount Quartz Crystal
logo
ebm-papst
405 EBMPAPST-405 Datasheet
311Kb / 4P
DC axial compact fan
405 EBMPAPST-405 Datasheet
375Kb / 3P
DC axial fans
logo
Marathon Special Produc...
405 MARATHON-405 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
More results

Similar Description - 405

ManufacturerPart #DatasheetDescription
logo
Bi technologies
8141 BITECH-8141 Datasheet
217Kb / 4P
Precision Potentiometer / Position Sensor
7216 BITECH-7216 Datasheet
81Kb / 5P
Precision Potentiometer/ Position Sensor
6671 BITECH-6671 Datasheet
256Kb / 3P
Precision Potentiometer / Position Sensor
6273 BITECH-6273 Datasheet
191Kb / 3P
Precision Potentiometer / Position Sensor
6181 BITECH-6181 Datasheet
417Kb / 3P
Precision Potentiometer / Position Sensor
6173 BITECH-6173 Datasheet
189Kb / 3P
Precision Potentiometer / Position Sensor
6134 BITECH-6134 Datasheet
379Kb / 3P
Precision Potentiometer Position Sensor
3381 BITECH-3381 Datasheet
167Kb / 3P
Precision Potentiometer / Position Sensor
3371 BITECH-3371_14 Datasheet
171Kb / 3P
Precision Potentiometer / Position Sensor
400 BITECH-400 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com