Electronic Components Datasheet Search
  English  ▼

X  

404 Datasheet(PDF) 1 Page - Bi technologies

Part # 404
Description  Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

404 Datasheet(HTML) 1 Page - Bi technologies

  404 Datasheet HTML 1Page - Bi technologies 404 Datasheet HTML 2Page - Bi technologies 404 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
Spring Return
Linear Actuation
Conductive Plastic
Position Sensor
Applications in Robotics, Automotive,
Heavy Equipment, and Industrial
Automation
Model 404 Series
ELECTRICAL1
1
Specifications subject to change without notice.
2
Linearity is measured between 1% and 99% of input voltage.
3
Special TCR available to ±100 ppm/°C.
4
Measured with 10 VDC CW to CCW and slider at 50% of electrical travel.
Resistance Range
1K to 150K Ohms
Standard Resistance Tolerance
±10%
Minimum Practical Resistance Tolerance
±5%
Independent Linearity2
±1%
Minimum Practical Independent Linearity
±0.5%
Input Voltage
400 VDC maximum, not to exceed power rating
Power Rating
0.25 Watts at 70°C, derating to 0 at 125°C
Dielectric Strength
1,000 V rms
Insulation Resistance
1,000 Megohms minimum
Output smoothness
0.1% maximum at 10” to 18” per minute
Actual Electrical Travel
0.50” ±0.015” (12.7 mm ±0.38 mm)
Electrical Continuity Travel
within mechanical travel
End Voltage
maximum 0.5% of input voltage
Resolution
essentially infinite
Temperature Coefficient of Resistance3
-400 ppm/°C typical
Temperature Coefficient of Output Voltage4
±10 ppm/°C typical
February 10, 2014
Model 404 page 1 of 3
Short travel (0.5 inches), linear motion with spring return
Accurate position feedback
Low cost
Compact design for small spaces
Conductive plastic technology
Long life - 5 million actuations
FEATURES & BENEFITS
RoHS 2
compliant
Pb


Similar Part No. - 404

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
404 MOXA-404 Datasheet
703Kb / 4P
4 and 7-port industrial-grade USB hubs
logo
GS Yuasa Battery Sales ...
404 GSYUASABATTERY-404 Datasheet
248Kb / 1P
Capacity (20-hour) 77Ah
logo
Marathon Special Produc...
404 MARATHON-404 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Enercon Technologies Eu...
404 ENERCON-404 Datasheet
692Kb / 3P
Integrated Soldier Power and Data Management System (ISPDS) with Integrated SOM
Jan 25, 2020
logo
TT Electronics.
404 TTELEC-404 Datasheet
365Kb / 4P
Position Sensor
08/2024
More results

Similar Description - 404

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6121 BITECH-6121 Datasheet
495Kb / 3P
Position Sensor
logo
Melexis Microelectronic...
MLX90333 MELEXIS-MLX90333_17 Datasheet
881Kb / 48P
Position Sensor
logo
Festo Corporation.
189040 FESTO-189040 Datasheet
75Kb / 1P
Position sensor
SMH-S1-HGD16 FESTO-SMH-S1-HGD16 Datasheet
81Kb / 1P
Position sensor
SMH-S1-HGP06 FESTO-SMH-S1-HGP06 Datasheet
73Kb / 1P
Position sensor
SRBS-Q12-8-E270-EP-1-S-M8 FESTO-SRBS-Q12-8-E270-EP-1-S-M8 Datasheet
104Kb / 2P
Position sensor
2393546 FESTO-2393546 Datasheet
106Kb / 2P
Position sensor
2393548 FESTO-2393548 Datasheet
108Kb / 2P
Position sensor
2393549 FESTO-2393549 Datasheet
111Kb / 2P
Position sensor
2393550 FESTO-2393550 Datasheet
113Kb / 2P
Position sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com