Electronic Components Datasheet Search
  English  ▼

X  

424 Datasheet(PDF) 1 Page - Bi technologies

Part # 424
Description  Precision Potentiometer / Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

424 Datasheet(HTML) 1 Page - Bi technologies

  424 Datasheet HTML 1Page - Bi technologies 424 Datasheet HTML 2Page - Bi technologies 424 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
Linear Actuation
Conductive Plastic
Precision Potentiometer /
Position Sensor
Model 400 Series
ELECTRICAL1
1
Specifications subject to change without notice.
2
Linearity is measured between 1% and 99% of input voltage.
3
Special TCR available to ±100 ppm/°C.
4
Measured with 10 VDC CW to CCW and slider at 50% of electrical travel.
Resistance Range
see Table 1
Standard Resistance Tolerance
±10%
Minimum Practical Resistance Tolerance
±5%
Independent Linearity2
see Table 1
Minimum Practical Independent Linearity
see Table 1
Input Voltage
400 VDC maximum, not to exceed power rating
Power Rating
see Table 1 for Watts at 70°C, derating to 0 at 125°C
Dielectric Strength
1,000 V rms
Insulation Resistance
1,000 Megohms minimum
Output smoothness
0.1% maximum at 10” to 18” per minute
Actual Electrical Travel
see Table 1
Electrical Continuity Travel
within mechanical travel
End Voltage
maximum 0.5% of input voltage
Resolution
essentially infinite
Temperature Coefficient of Resistance3
-400 ppm/°C typical
Temperature Coefficient of Output Voltage4
±10 ppm/°C typical
April 20, 2012
Model 400 page 1 of 3
Model #
Body Style
Termination Style
Weight (grams)
423
Round
Wire Leads
28 + (16 x mechanical travel)
424
Round
Gold Plated Terminals
28 + (16 x mechanical travel)
432
Round with Mounting Flange
Wire Leads
38 + (16 x mechanical travel)
434
Round with Mounting Flange
Gold Plated Terminals
38 + (16 x mechanical travel)
472
Rectangular
Wire Leads
21 + (12 x mechanical travel)
474
Rectangular
Gold Plated Terminals
21 + (12 x mechanical travel)
482
Rectangular with Mounting Flange
Wire Leads
23 + (12 x mechanical travel)
484
Rectangular with Mounting Flange
Gold Plated Terminals
23 + (12 x mechanical travel)
MODEL STYLES AVAILABLE
Total Mechanical Travel
see Table 1
Actuating Force
10 oz. maximum
Shaft Rotation
continuous
Backlash
0.003” maximum
Static Stop Strength
10 lb. minimum
MECHANICAL


Similar Part No. - 424

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
424 ETC1-424 Datasheet
419Kb / 12P
32-Pin DIP 4-Pole Filters
logo
Littelfuse
424 LITTELFUSE-424 Datasheet
68Kb / 2P
SURFACE MOUNT FUSES
logo
TT Electronics.
424 TTELEC-424 Datasheet
1Mb / 4P
Linear Precision Potentiometer
04/2019
logo
Adafruit Industries
424 ADAFRUIT-424 Datasheet
152Kb / 2P
Precision screwdriver set (6 pieces)
2-6-24
logo
Permco, Inc.
424 PERMCO-424 Datasheet
1Mb / 2P
PUMPS AND MOTORS
More results

Similar Description - 424

ManufacturerPart #DatasheetDescription
logo
Bi technologies
8141 BITECH-8141 Datasheet
217Kb / 4P
Precision Potentiometer / Position Sensor
7216 BITECH-7216 Datasheet
81Kb / 5P
Precision Potentiometer/ Position Sensor
6671 BITECH-6671 Datasheet
256Kb / 3P
Precision Potentiometer / Position Sensor
6273 BITECH-6273 Datasheet
191Kb / 3P
Precision Potentiometer / Position Sensor
6181 BITECH-6181 Datasheet
417Kb / 3P
Precision Potentiometer / Position Sensor
6173 BITECH-6173 Datasheet
189Kb / 3P
Precision Potentiometer / Position Sensor
6134 BITECH-6134 Datasheet
379Kb / 3P
Precision Potentiometer Position Sensor
3381 BITECH-3381 Datasheet
167Kb / 3P
Precision Potentiometer / Position Sensor
3371 BITECH-3371_14 Datasheet
171Kb / 3P
Precision Potentiometer / Position Sensor
405 BITECH-405 Datasheet
330Kb / 3P
Precision Potentiometer / Position Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com