Electronic Components Datasheet Search
  English  ▼

X  

22S Datasheet(PDF) 1 Page - Bi technologies

Part # 22S
Description  Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

22S Datasheet(HTML) 1 Page - Bi technologies

  22S Datasheet HTML 1Page - Bi technologies 22S Datasheet HTML 2Page - Bi technologies 22S Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
3 mm Square
Sealed Single Turn
Surface Mount
Cermet Trimming Potentiometer
Model 22
Seal
85°C Fluorinert® (No Leaks)
Temperature Coefficient
±100 ppm/°C (<100 Ohms = ±150 ppm/°C)
Operating Temperature Range
–55°C to +125°C
Thermal Shock
Five cycles –55°C to +125°C (2% ∆RT, 1% ∆VR)
Moisture Resistance
Ten 24 hour cycles (3% ∆RT)
Shock
6 ms sawtooth, 100 G’s (1% ∆RT, 1% ∆VR)
Vibration
20 G’s, 10 to 2,000 Hz (1% ∆RT, 1% ∆VR)
High Temperature Exposure
250 hours at 125°C (2% ∆RT, 2% ∆VR)
Rotational Life
100 cycles (3% ∆RT)
Load Life
1,000 hours at 70°C & 0.125 Watts (3% ∆RT, 1% ∆VR)
Resistance to Solder Heat
260°C for 5 seconds
ENVIRONMENTAL
Standard Resistance Range
10 Ohms to 2 Megohms
Standard Resistance Tolerance
±20%
Input Voltage
200 Vdc Max. or rms not to exceed power rating
Power Rating
0.125 Watts at 70°C derating to 0 at 125°C
End Resistance
1% or 3 Ohms Max., whichever is greater
Actual Electrical Travel
220° nominal
Dielectric Strength
500 Vrms
Insulation Resistance
100 Megohms Min.
Resolution
Essentially infinite
Contact Resistance Variation
3% or 3 Ohms Max., whichever is greater
ELECTRICAL
Specifications subject to change without notice.
Fluorinert® is a registered trademark of 3M Company.
August 12, 2010
Model 22 page 1 of 3
Mechanical Stops
Solid
Stop Strength
1.3 oz.-in. Min. (300 g-cm)
Torque
0.65 oz.-in. Max. (150 g-cm)
Weight
0.002 oz. nominal (0.14 grams)
Wiper Position
Approximately 50%
MECHANICAL
MODELS AVAILABLE
J Hook
22A
Side Mount
22S


Similar Part No. - 22S

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
22S UNSEMI-22S Datasheet
2Mb / 4P
Radial Lead Varistor (MOV)
Revision March 1,2022
logo
Multicomp Pro
22S-2D MULTICOMP-22S-2D Datasheet
74Kb / 1P
Knobs
17/01/12 V1.1
22S-4D MULTICOMP-22S-4D Datasheet
74Kb / 1P
Knobs
17/01/12 V1.1
logo
UN Semiconducctor INC
22S102K UNSEMI-22S102K Datasheet
2Mb / 4P
Radial Lead Varistor (MOV)
Revision March 1,2022
22S112K UNSEMI-22S112K Datasheet
2Mb / 4P
Radial Lead Varistor (MOV)
Revision March 1,2022
More results

Similar Description - 22S

ManufacturerPart #DatasheetDescription
logo
Bi technologies
23AR10KLFTR BITECH-23AR10KLFTR_11 Datasheet
132Kb / 3P
Cermet Trimming Potentiometer
25PR10KLFTR BITECH-25PR10KLFTR_14 Datasheet
383Kb / 4P
Cermet Trimming Potentiometer
30WR10KLFTR BITECH-30WR10KLFTR_10 Datasheet
76Kb / 3P
Cermet Trimming Potentiometer
36WR10KLF BITECH-36WR10KLF_09 Datasheet
78Kb / 3P
Cermet Trimming Potentiometer
45GER10KLF BITECH-45GER10KLF_13 Datasheet
305Kb / 3P
Cermet Trimming Potentiometer
43WR10KLF BITECH-43WR10KLF_09 Datasheet
68Kb / 3P
Cermet Trimming Potentiometer
68PFR10KLF BITECH-68PFR10KLF Datasheet
272Kb / 3P
Cermet Trimming Potentiometer
67PFR10KLF BITECH-67PFR10KLF Datasheet
474Kb / 3P
Cermet Trimming Potentiometer
66PFR10KLF BITECH-66PFR10KLF Datasheet
266Kb / 3P
Cermet Trimming Potentiometer
logo
TT Electronics.
MODEL67 TTELEC-MODEL67 Datasheet
550Kb / 3P
Cermet Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com