Electronic Components Datasheet Search
  English  ▼

X  

36K Datasheet(PDF) 1 Page - Bi technologies

Part # 36K
Description  Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

36K Datasheet(HTML) 1 Page - Bi technologies

  36K Datasheet HTML 1Page - Bi technologies 36K Datasheet HTML 2Page - Bi technologies 36K Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Model 36
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
May 21, 2009
page 1 of
3
BI technologies
6 MM SINGLE-TURN
Open Frame
Cermet Trimming
Potentiometer
STYLES AVAILABLE
Top Adjust
36F
Side Adjust
36K
Side Adjust
36W
Top Adjust (2.5 mm pin spacing)
36P
ELECTRICAL1
Resistance Range
100 to 1,000,000 Ohms
Standard Resistance Tolerance
± 20%
Input Voltage, Maximum
100 V
Power rating, Watts
0.3 @ 70
°C
End Resistance, Maximum
<500 ohms: 10 Ohms Max; > 500 ohms: 2% Max.
Actual Electrical Travel
215° ±5°
Mechanical Travel
240° ±20°
Insulation Resistance, Minimum
100 Megohms
Resolution
Essentially infinite
Contact Resistance Variation
5% Max.
Temperature Coefficient of Resistance
±250 ppm/
°C
MECHANICAL
Torque, Maximum
2.1 in. oz.
Weight, Approx.
0.01 oz.
Wiper Position
Approx. 50%
1
Specifications subject to change without notice.
RoHS Compliant


Similar Part No. - 36K

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
36KD6 GEC-36KD6 Datasheet
83Kb / 2P
compactron beam pentode
logo
TE Connectivity Ltd
36KEPS10AFPWHM TEC-36KEPS10AFPWHM Datasheet
764Kb / 10P
Three Phase Superior Performance EMI Filter – Single Stage WYE Configuration
Rev B
36KEPS10BFPWHM TEC-36KEPS10BFPWHM Datasheet
764Kb / 10P
Three Phase Superior Performance EMI Filter – Single Stage WYE Configuration
Rev B
logo
Bi technologies
36KR10KLF BITECH-36KR10KLF Datasheet
280Kb / 3P
6 MM SINGLE-TURN Open Frame Cermet Trimming Potentiometer
More results

Similar Description - 36K

ManufacturerPart #DatasheetDescription
logo
Bi technologies
23AR10KLFTR BITECH-23AR10KLFTR_11 Datasheet
132Kb / 3P
Cermet Trimming Potentiometer
25PR10KLFTR BITECH-25PR10KLFTR_14 Datasheet
383Kb / 4P
Cermet Trimming Potentiometer
30WR10KLFTR BITECH-30WR10KLFTR_10 Datasheet
76Kb / 3P
Cermet Trimming Potentiometer
45GER10KLF BITECH-45GER10KLF_13 Datasheet
305Kb / 3P
Cermet Trimming Potentiometer
43WR10KLF BITECH-43WR10KLF_09 Datasheet
68Kb / 3P
Cermet Trimming Potentiometer
68PFR10KLF BITECH-68PFR10KLF Datasheet
272Kb / 3P
Cermet Trimming Potentiometer
67PFR10KLF BITECH-67PFR10KLF Datasheet
474Kb / 3P
Cermet Trimming Potentiometer
66PFR10KLF BITECH-66PFR10KLF Datasheet
266Kb / 3P
Cermet Trimming Potentiometer
logo
TT Electronics.
MODEL67 TTELEC-MODEL67 Datasheet
550Kb / 3P
Cermet Trimming Potentiometer
MODEL44 TTELEC-MODEL44 Datasheet
507Kb / 3P
Cermet Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com