Electronic Components Datasheet Search
  English  ▼

X  

IRLU2703 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLU2703
Description  POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU2703 Datasheet(HTML) 2 Page - International Rectifier

  IRLU2703 Datasheet HTML 1Page - International Rectifier IRLU2703 Datasheet HTML 2Page - International Rectifier IRLU2703 Datasheet HTML 3Page - International Rectifier IRLU2703 Datasheet HTML 4Page - International Rectifier IRLU2703 Datasheet HTML 5Page - International Rectifier IRLU2703 Datasheet HTML 6Page - International Rectifier IRLU2703 Datasheet HTML 7Page - International Rectifier IRLU2703 Datasheet HTML 8Page - International Rectifier IRLU2703 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLR/U2703
2
www.irf.com
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 14A, VGS = 0V
„
trr
Reverse Recovery Time
–––
65
97
ns
TJ = 25°C, IF = 14A
Qrr
Reverse RecoveryCharge
–––
140
210
nC
di/dt = 100A/µs
„‡
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
23
…
96
A
‚ V
DD = 15V, starting TJ = 25°C, L =570µH
RG = 25Ω, IAS = 14A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
† This is applied for I-PAK, LS of D-PAK is measured
between
lead and center of die contact.
‡ Uses IRL2703 data and test conditions.
ƒ ISD ≤ 14A, di/dt ≤ 140A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
… Caculated continuous current based on maximum allowable
junction temperature;
Package limitation current = 20A.
Parameter
Min.
Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.030 –––
V/°C
Reference to 25°C, ID = 1mA
–––
––– 0.045
VGS = 10V, ID = 14A
„
–––
––– 0.065
VGS = 4.5V, ID = 12A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
–––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
6.4
–––
–––
S
VDS = 25V, ID = 14A
‡
–––
–––
25
µA
VDS = 30V, VGS = 0V
–––
–––
250
VDS = 24V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -16V
Qg
Total Gate Charge
–––
–––
15
ID = 14A
Qgs
Gate-to-Source Charge
–––
–––
4.6
nC
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
9.3
VGS = 4.5V, See Fig. 6 and 13
„‡
td(on)
Turn-On Delay Time
–––
8.5
–––
VDD = 15V
tr
Rise Time
–––
140
–––
ns
ID = 14A
td(off)
Turn-Off Delay Time
–––
12
–––
RG = 12Ω, VGS = 4.5V
tf
Fall Time
–––
20
–––
RD = 1.0Ω, See Fig. 10
„‡
Between lead,
6mm (0.25in.)
from package
and center of die contact
†
Ciss
Input Capacitance
–––
450
–––
VGS = 0V
Coss
Output Capacitance
–––
210
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
110
–––
ƒ = 1.0MHz, See Fig. 5
‡
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
nH
IGSS
S
D
G
LS
Internal Source Inductance
–––
7.5
–––
RDS(on)
Static Drain-to-Source On-Resistance
LD
Internal Drain Inductance
–––
4.5
–––
IDSS
Drain-to-Source Leakage Current
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com