Electronic Components Datasheet Search
  English  ▼

X  

GS2971A Datasheet(PDF) 49 Page - Semtech Corporation

Part # GS2971A
Description  3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2971A Datasheet(HTML) 49 Page - Semtech Corporation

Back Button GS2971A Datasheet HTML 45Page - Semtech Corporation GS2971A Datasheet HTML 46Page - Semtech Corporation GS2971A Datasheet HTML 47Page - Semtech Corporation GS2971A Datasheet HTML 48Page - Semtech Corporation GS2971A Datasheet HTML 49Page - Semtech Corporation GS2971A Datasheet HTML 50Page - Semtech Corporation GS2971A Datasheet HTML 51Page - Semtech Corporation GS2971A Datasheet HTML 52Page - Semtech Corporation GS2971A Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 152 page
background image
GS2971A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54311 - 2
September 2012
49 of 152
VIDEO ERROR
0111
−
AUDIO ERROR
1000
−
EDH DETECTED
1001
−
CARRIER DETECT
1010
−
RATE_DET0
1011
−
RATE_DET1
1100
−
NOTE:
Each of the STAT[5:0] pins are configurable individually using the register bits in the host interface; STAT[5:0]_CONFIG (008h/009h).
Table 4-8:Output Signals Available on Programmable Multi-Function Pins (Continued)
Status Signal
Selection Code
Default Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com