Electronic Components Datasheet Search
  English  ▼

X  

GS2974B Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS2974B
Description  HD-LINX??III Adaptive Cable Equalizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2974B Datasheet(HTML) 1 Page - Semtech Corporation

  GS2974B Datasheet HTML 1Page - Semtech Corporation GS2974B Datasheet HTML 2Page - Semtech Corporation GS2974B Datasheet HTML 3Page - Semtech Corporation GS2974B Datasheet HTML 4Page - Semtech Corporation GS2974B Datasheet HTML 5Page - Semtech Corporation GS2974B Datasheet HTML 6Page - Semtech Corporation GS2974B Datasheet HTML 7Page - Semtech Corporation GS2974B Datasheet HTML 8Page - Semtech Corporation GS2974B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1 of 17
GS2974B GS2974B HD-LINX™ III Adaptive Cable
Equalizer
Data Sheet
45062 - 3
April 2009
GS2974B HD-LINX™ III Adaptive Cable Equalizer
www.gennum.com
Features
• SMPTE 424M, SMPTE 292M, 344M and SMPTE 259M
compliant
•Automatic cable equalization
• Multi-standard operation from 143Mb/s to 2.97Gb/s
• Supports DVB-ASI at 270Mb/s
• Small footprint (4mm x 4mm)
• Pb-free and RoHS compliant
• Manual bypass (useful for low data rates with slow
rise/fall times)
• Performance optimized for 1.485Gb/s and 2.97Gb/s
• Typical equalized length of Belden 1694A cable: 140m
at 2.97Gb/s, 230m at 1.485Gb/s, and 250m at 270Mb/s
•50Ω differential output (internal 50Ω pull-ups)
• Programmable mute based on max cable length adjust
• Single 3.3V power supply operation
• Operating temperature range: 0°C to +70°C
• Footprint compatible with GS2974A and GS1574A
Applications
• SMPTE 424M, SMPTE 292M and SMPTE 259M Coaxial
Cable Serial Digital Interfaces.
Description
The GS2974B is a high-speed BiCMOS integrated circuit
designed to equalize and restore signals received over 75Ω
co-axial cable.
The GS2974B is designed to support SMPTE 424M, SMPTE
292M and SMPTE 259M, and is optimized for performance
at 1.485Gb/s and 2.97Gb/s.
The GS2974B features DC restoration to compensate for the
DC content of SMPTE pathological test patterns.
A voltage programmable mute threshold (MCLADJ),
applicable for SD mode (refer to Section 4.3), is included to
allow muting of the GS2974B output when an approximate
selected cable length is reached for SMPTE 259M signals.
This feature allows the GS2974B to distinguish between
low amplitude SD-SDI signals and noise at the input of the
device. The serial digital outputs of the GS2974B may be
forced to a mute state by applying a voltage to the MUTE
pin.
Power consumption is typically 215mW using a 3.3V
power supply. The GS2974B is lead-free, and the
encapsulation compound does not contain halogenated
flame retardant.
This component and all homogeneous subcomponents are
RoHS compliant.
GS2974B Functional Block Diagram
CABLE LENGTH ADJUSTOR
CARRIER DETECT
MUTE
EQUALIZER
DC RESTORE
OUTPUT
AGC
CD
MUTE
SDO
BYPASS
SDO
SDI
SDI
MCLADJ


Similar Part No. - GS2974B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
HD-LINX III Adaptive Cable Equalizer
More results

Similar Description - GS2974B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
HD-LINX II Adaptive Cable Equalizer
GS2974A GENNUM-GS2974A Datasheet
618Kb / 16P
HD-LINX III Adaptive Cable Equalizer
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
HD-LINX III Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
HD-LINX II Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
HD-LINX짰 II Adaptive Cable Equalizer
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
HD-LINX??III Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com