Electronic Components Datasheet Search
  English  ▼

X  

GS2993 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS2993
Description  Dual Output Adaptive Cable Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2993 Datasheet(HTML) 1 Page - Semtech Corporation

  GS2993 Datasheet HTML 1Page - Semtech Corporation GS2993 Datasheet HTML 2Page - Semtech Corporation GS2993 Datasheet HTML 3Page - Semtech Corporation GS2993 Datasheet HTML 4Page - Semtech Corporation GS2993 Datasheet HTML 5Page - Semtech Corporation GS2993 Datasheet HTML 6Page - Semtech Corporation GS2993 Datasheet HTML 7Page - Semtech Corporation GS2993 Datasheet HTML 8Page - Semtech Corporation GS2993 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1 of 23
Propietary & Confidential
GS2993 Dual Output Adaptive Cable Equalizer
Data Sheet
53966 - 4
August 2012
Dual Output Adaptive Cable Equalizer
GS2993
www.semtech.com
Key Features
• SMPTE 424M, SMPTE 292M and SMPTE 259M
compliant
• Automatic cable equalization
• Multi-standard operation from 143Mb/s to 2.97Gb/s
•Performance optimized for 270Mb/s, 1.485Gb/s and
2.97Gb/s. Typical equalized length of Belden 1694A
cable:
140m at 2.97Gb/s
220m at 1.485Gb/s
400m at 270Mb/s
• Supports DVB-ASI at 270Mb/s
• Dual, independently-controlled outputs
• Manual bypass (useful for low data rates with slow
rise/fall times)
• Programmable carrier detect with squelch threshold
adjustment
• Automatic power-down on loss of signal
Standby power <30mW (typical)
• Differential outputs support DC coupling to 1.2V, 2.5V
or 3.3V CML logic
• 0/6 dB gain boost selection pin
• Cable Length Indicator output; varies monotonically
with input cable length
• Selectable de-emphasis: 2dB, 4dB and 6dB
• Standard EIA/JEDEC logic control and status signal
levels
• Single 3.3V power supply operation
• 207mW power consumption (typical)
• Wide operating temperature range of -40ºC to +85ºC
• Small footprint QFN package (4mm x 4mm)
• Pb-free and RoHS compliant
Applications
• SMPTE 424M, SMPTE 292M and SMPTE 259M coaxial
cable serial digital interfaces
Description
The GS2993 is a high-speed BiCMOS integrated circuit
designed to equalize and restore signals received over 75
Ω
coaxial cable.
The device is designed to support SMPTE 424M,
SMPTE292M and SMPTE 259M, and is optimized for
performance at 270Mb/s, 1.485Gb/s and 2.97Gb/s.
The GS2993 features DC restoration to compensate for the
DC content of SMPTE pathological test patterns.
The Carrier Detect output pin (CD) indicates whether a
valid input signal has been detected. It can be connected
directly to the SLEEP pin to enable automatic power-down
upon loss of carrier. A voltage programmable threshold,
which can be changed via the SQ_ADJ pin, forces CD high
when the input signal amplitude falls below the threshold.
This allows the GS2993 to distinguish between
low-amplitude SDI signals and noise at the input of the
device.
The equalizing and DC restore stages are disengaged when
the BYPASS pin is HIGH. No equalization occurs in Bypass
mode.
The GS2993 includes a gain selection pin (GAIN_SEL)
which, when tied HIGH, compensates for 6dB flat
attenuation.
The differential outputs can be DC-coupled to Gennum
3.3V cable drivers and reclockers, and to industry-standard
1.2V, 2.5V, and 3.3V CML logic by connecting the
respective VCCO to 1.2V, 2.5V or 3.3V.
The GS2993 also includes programmable de-emphasis with
three operating levels in order to support long PCB traces.
The device is available in a 24-pin, 4mm x 4mm QFN
package.
Power consumption of the GS2993 is typically 207mW.
The GS2993 is Pb-free, and the encapsulation compound
does not contain halogenated flame retardant.
This component and all homogeneous subcomponents are
RoHS compliant.


Similar Part No. - GS2993

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2993 GENNUM-GS2993 Datasheet
1Mb / 23P
Automatic power-down on loss of signal
logo
Semtech Corporation
GS2993 SEMTECH-GS2993 Datasheet
1Mb / 23P
Dual Output Adaptive Cable Equalizer
More results

Similar Description - GS2993

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
Adaptive Cable Equalizer
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
Adaptive Cable Equalizer
logo
Semtech Corporation
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
Adaptive Cable Equalizer
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
EBK-GS2993-00 SEMTECH-EBK-GS2993-00 Datasheet
1Mb / 23P
Dual Output Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com