Electronic Components Datasheet Search
  English  ▼

X  

GS9076 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS9076
Description  SD-SDI Automatic Reclocker
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS9076 Datasheet(HTML) 1 Page - Semtech Corporation

  GS9076 Datasheet HTML 1Page - Semtech Corporation GS9076 Datasheet HTML 2Page - Semtech Corporation GS9076 Datasheet HTML 3Page - Semtech Corporation GS9076 Datasheet HTML 4Page - Semtech Corporation GS9076 Datasheet HTML 5Page - Semtech Corporation GS9076 Datasheet HTML 6Page - Semtech Corporation GS9076 Datasheet HTML 7Page - Semtech Corporation GS9076 Datasheet HTML 8Page - Semtech Corporation GS9076 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.gennum.com
GS9076 HD-LINX® III
SD-SDI Automatic Reclocker
with Dual Differential Outputs
GS9076 Data Sheet
44617 - 1
January 2008
1 of 25
Features
•
SMPTE 259M-C compliant
•
Automatic lock to SDI and DVB-ASI at 270Mb/s
•
4:1 input multiplexer patented technology
•
Choice of dual reclocked data outputs or one data
output and one recovered clock output
•
Loss of Signal (LOS) Output
•
Lock Detect Output
•
On-chip Input and Output Termination
•
Differential 50
Ω inputs and outputs
•
Mute, Bypass and Autobypass functions
•
Footprint and drop-in compatible with existing
GS2975A designs
•
Pb-free and RoHS Compliant
•
Single 3.3V power supply
•
Operating temperature range: 0°C to 70°C
Applications
•
SMPTE 259M-C Serial Digital Interfaces
Description
The GS9076 is an SD-SDI Serial Digital Reclocker
designed to automatically recover the embedded clock
from a digital video signal and re-time the incoming
video data. The device automatically detects and locks
to incoming SMPTE 259M-C SDI and DVB-ASI signals
at 270Mb/s.
The GS9076 removes the high frequency jitter
components from the bit-serial stream. Input
termination is on-chip for seamless matching to 50
Ω
transmission lines. The device requires only one
external crystal to set the VCO frequency when not
locked and provides adjustment free operation.
In systems which require passing of non-SMPTE data
rates, the GS9076 can be configured to either
automatically or manually enter a bypass mode in order
to pass the signal without reclocking.
The GS9076 offers a choice of dual reclocked data
outputs or one data output and one recovered clock
output. The device is footprint and drop-in compatible
with existing GS2975A designs, with no additional
application changes required.
The GS9076 is Pb-free, and the encapsulation
compound does not contain halogenated flame
retardant.
This component and all homogeneous sub-components
are RoHS compliant.


Similar Part No. - GS9076

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
GS9076-CNE3 GENNUM-GS9076-CNE3 Datasheet
458Kb / 25P
HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
More results

Similar Description - GS9076

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
SD SDI Reclocker with Dual Differential Outputs
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
Multi-Rate SDI Automatic Reclocker
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
HD/SD SDI Reclocker With Dual Differential Outputs
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
3G/HD/SD-SDI Multi-rate Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
3G/HD/SD-SDI Multi-rate Reclocker
logo
Texas Instruments
LMH0026 TI1-LMH0026 Datasheet
239Kb / 15P
SD SDI Reclocker with Dual Differential Outputs
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
Multi-Rate SDI Automatic Reclocker
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
SD/HD SDI Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com