Electronic Components Datasheet Search
  English  ▼

X  

BYT54D Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BYT54D
Description  HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BYT54D Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BYT54D Datasheet HTML 1Page - Diode Semiconductor Korea BYT54D Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
2 0
4 0
80
60
1.0
10
100
1000
100
TJ=25
TJ=125
0
12
10
20
30
4
20
40 60
80 100
TJ=125
10ms Single Half
Sine-Wave
10
8
6
BYT54A(Z)--- BYT54M(Z)
AMBIENT TEMPERATURE( )
NUMBER OF CYCLES AT
50Hz
PERCENTOFRATEDPEAKREVERSEVOLTAGE,%
FIG.4 -- TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.5--TYPICAL FORWARD CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.1 --TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SETTIMEBASEFOR 4
0 ns/cm
NOTES:1.RISETIME=7ns MAX.INPUTIMPEDANCE=1MΩ.22pF
2.RISETIME=10ns MAX.source IMPEDANCE=50Ω.
FIG.2 -- TYPICAL REVERSE CHARCTERISTICS
FIG.3 --PEAK FORWARD SURGE CURRENT
0
0.2 0.4
0.01
0.1
0.6
0.8 1.0
1.6
1.2
1.4
1.8
1
10
100
TJ=25
Pulse Width=300 s
0
2.5
1.25
25
50
75
10 0
12 5
15 0 17 5
Single phase half
w a v e
5 0 Hz
R e s is tive or
Indu ctiv e lo a d
(+)
PULSE
GENERATOR
(NOTE2)
(-)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
-1.0A
-0.25A
0
+0.5A
trr
1c m
Diode Semiconductor Korea
www.diode.kr



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com