Electronic Components Datasheet Search
  English  ▼

X  

74LVC2G125 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74LVC2G125
Description  DUAL BUFFER GATE WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G125 Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVC2G125 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G125 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G125 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G125 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G125 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G125 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G125 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G125 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G125 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74LVC2G125
Document number: DS37932 Rev. 1 - 2
4 of 11
www.diodes.com
June 2016
© Diodes Incorporated
74LVC2G125
Electrical Characteristics (All typical values are at T
A = +25°C)
Symbol
Parameter
Test Conditions
VCC
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ.
Max
Min
Max
VIH
High-Level
Input Voltage
—
VCC = 1.65V to 1.95V
0.65 x VCC
—
—
0.65 x VCC
—
V
VCC = 2.3V to 2.7V
1.7
—
—
1.7
—
VCC = 2.7V to 3.6V
2.0
—
—
2.0
—
VCC = 4.5V to 5.5V
0.7 x VCC
—
—
0.7 x VCC
—
VIL
Low-Level
Input Voltage
—
VCC = 1.65V to 1.95V
—
—
0.35 x VCC
—
0.35 x VCC
V
VCC = 2.3V to 2.7V
—
—
0.7
—
0.7
VCC = 2.7V to 3.6V
—
—
0.8
—
0.8
VCC = 4.5V to 5.5V
—
—
0.3 x VCC
—
0.3 x VCC
VOH
High-Level
Output
Voltage
IOH = -100μA
1.65V to 5.5V
VCC – 0.1
Vcc
—
VCC – 0.1
—
V
IOH = -4mA
1.65V
1.2
1.53
—
0.95
—
IOH = -8mA
2.3V
1.9
2.13
—
1.7
—
IOH = -12mA
2.7
2.2
2.5
—
1.9
—
IOH = -16mA
3V
2.4
2.7
—
2.2
—
IOH = -24mA
2.3
2.6
—
2.0
—
IOH = -32mA
4.5V
3.8
4.1
—
3.4
—
VOL
Low-Level
Output
Voltage
IOL = 100μA
1.65V to 5.5V
—
0
0.1
—
0.1
V
IOL = 4mA
1.65V
—
0.08
0.45
—
0.7
IOL = 8mA
2.3V
—
0.14
0.3
—
0.45
IOL = 12mA
2.7V
—
0.19
0.4
—
0.6
IOL = 16mA
3V
—
0.25
0.4
—
0.6
IOL = 24mA
—
0.37
0.55
—
0.8
IOL = 32mA
4.5V
—
0.43
0.55
—
0.8
II
Input Current
VI = 5.5V or GND
0V to 5.5V
—
± 0.1
±5
—
± 20
μA
IOZ
Z-State
Leakage
Current
VI = VIH or VIL
VO = 5.5V or GND
3.6V
—
± 0.1
± 10
—
±20
μA
IOFF
Power Down
Leakage
Current
VI or VO = 5.5V
0V
—
± 0.1
±10
—
±20
μA
ICC
Supply
Current
VI = 5.5V or GND
IO=0A
1.65V to 5.5V
—
0.1
10
—
40
μA
ΔI
CC
Additional
Supply
Current
One input at
VCC –0.6V
Other inputs at VCC
or GND
2.3V to 5.5V
—
5
500
—
5,000
μA
CI
Input
Capacitance
VI = VCC or GND
3.3V
—
2.5
—
—
—
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com