Electronic Components Datasheet Search
  English  ▼

X  

AH372 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH372
Description  INTERNAL PULL-UP HALL EFFECT LATCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH372 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH372 Datasheet HTML 1Page - Diodes Incorporated AH372 Datasheet HTML 2Page - Diodes Incorporated AH372 Datasheet HTML 3Page - Diodes Incorporated AH372 Datasheet HTML 4Page - Diodes Incorporated AH372 Datasheet HTML 5Page - Diodes Incorporated AH372 Datasheet HTML 6Page - Diodes Incorporated AH372 Datasheet HTML 7Page - Diodes Incorporated AH372 Datasheet HTML 8Page - Diodes Incorporated AH372 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AH372
Document number: DS38853 Rev. 1 - 2
2 of 12
www.diodes.com
August 2016
© Diodes Incorporated
AH372
Typical Application Circuits (cont.)
AH372
OUT
GND
CIN
VDD
Typical AH372 Circuit
Note:
4. CIN is for power stabilization and to strengthen the noise immunity, the recommended capacitance is 100nF typical.
Pin Descriptions
Packages: SC59, SOT23, SIP-3 (Ammo Pack) and SIP-3 (Bulk Pack)
Pin Number
Pin Name
Function
1
VDD
Power Supply Input
2
GND
Ground
3
OUT
Output
Functional Block Diagram
Regulator
Hall
Plate
Amp
2
GND
OUT
3
2
VDD
1
RPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com