Electronic Components Datasheet Search
  English  ▼

X  

AH3372 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH3372
Description  HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3372 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH3372 Datasheet HTML 1Page - Diodes Incorporated AH3372 Datasheet HTML 2Page - Diodes Incorporated AH3372 Datasheet HTML 3Page - Diodes Incorporated AH3372 Datasheet HTML 4Page - Diodes Incorporated AH3372 Datasheet HTML 5Page - Diodes Incorporated AH3372 Datasheet HTML 6Page - Diodes Incorporated AH3372 Datasheet HTML 7Page - Diodes Incorporated AH3372 Datasheet HTML 8Page - Diodes Incorporated AH3372 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AH3372
Document number: DS38874 Rev. 1 - 2
2 of 15
www.diodes.com
July 2016
© Diodes Incorporated
AH3372
Typical Applications Circuit
Note:
4. CIN is for power stabilization and to strengthen the noise immunity, the recommended capacitance is 10nF ~ 100nF.
RL is the pull-up resistor.
Pin Descriptions
Package: SC59, SOT23 and SIP-3 (Ammo Pack), SIP-3 (Bulk Pack)
Pin Number
Pin Name
Function
1
VDD
Power Supply Input
2
GND
Ground
3
OUTPUT
Output Pin
Functional Block Diagram
Control
Current
Limit
Amp
Amp
Power
switch
To All Subcircuits
OUTPUT
VDD
GND
AH3372
3.0V to 28V
OUTPUT
GND
RL
CIN
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com