Electronic Components Datasheet Search
  English  ▼

X  

AL3050 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL3050
Description  SMALL PANEL BACKLIGHT LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3050 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL3050 Datasheet HTML 1Page - Diodes Incorporated AL3050 Datasheet HTML 2Page - Diodes Incorporated AL3050 Datasheet HTML 3Page - Diodes Incorporated AL3050 Datasheet HTML 4Page - Diodes Incorporated AL3050 Datasheet HTML 5Page - Diodes Incorporated AL3050 Datasheet HTML 6Page - Diodes Incorporated AL3050 Datasheet HTML 7Page - Diodes Incorporated AL3050 Datasheet HTML 8Page - Diodes Incorporated AL3050 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AL3050
Document number: DS38578 Rev. 2 - 2
3 of 16
www.diodes.com
July 2016
© Diodes Incorporated
AL3050
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Input Pin Voltage
-0.3 to 6
V
VVOUT, VSW
VOUT and SW Pin Voltage
-0.3 to 32
V
VFB, VCTRL
FB and CTRL Pin Voltage
-0.3 to 6
V
θJA
Thermal Resistance (Junction to Ambient)
U-DFN2020-6
(Type S)
70.4
oC/W
TJ
Operating Junction Temperature
+150
oC
TSTG
Storage Temperature
-65 to +150
oC
ESD
ESD (Human Body Model)
2000
V
ESD (Machine Model)
200
V
Note:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure
to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.7
5.5
V
VO
Output Voltage
VIN
30
V
IO
Output Current
-
40
mA
fPWM
PWM Dimming Frequency
20
100
kHz
TA
Operating Ambient Temperature
-40
+85
ºC
TJ
Operating Junction Temperature
-40
+125
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com