Electronic Components Datasheet Search
  English  ▼

X  

CAT48049 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CAT48049
Description  GaAs 4 Section Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CAT48049 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CAT48049 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
••••••••
•
•
••
••
••
•
•
•
•
•
••
•
• •
"0"
"1"
CONT4
CONT1
+5V
IN/OUT
RF
IN/OUT
RF
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
CONT3
"0"
CONT2
"0"
GND
1 dB
2 dB
4 dB
8 dB
1.27
.100
TYP
.20
.015
±.002 DIA
24 PLACES
PART IDENTIFICATION
CONTRASTING
COLOR BEAD
.77
.070
.325
TYP
112
13
24
.xx = .02
.xxx = .010
TYPICAL PERFORMANCE
at 25
°C
VSWR
10000
4000
1000
400
100
1.0
0
2.0
1.8
1.6
1.4
1.2
10
8.0
6.0
4.0
2.0
FREQUENCY (MHz)
I. LOSS
Parameter
Min Typ Max Units
Conditions
Operating Frequency
1800
4200 MHz
DC Current
0.8
5.0
mA
At +5 VDC Supply
Control Type
CMOS
4 Line
Logic “0” = Thru
Logic “1” = Attenuation
Control Current
High
0
±40 µA3 - 5 Volts
Low
0
±40 µA0 - 0.5 Volts
Insertion Loss
5.0
6.0
dB
Insertion Loss Flatness
±0.2 dB
Vs. Frequency
Attenuation
LSB
1dB
Range
0
15
dB
1, 2, 4, 8
Accuracy
dB
±(0.25 dB + 5% of Atten
Setting in dB)
Flatness
±0.2 dB
VSWR
1.30/1
1.7/1
Impedance
50
OHMS
Switching Speed
27
50
nSec
50% Control Signal
90% / 10% RF
Transition (Rise/Fall) Time
12
nSec
10% / 90% or 90% / 10% RF
Switching (Video) Transients
75
mV
Peak Value
Intercept Points
2nd
+67
+70
dBm
1950 / 750 MHz Inputs
3rd
+38
+41
dBm
975 / 750 MHz Inputs
RF Power
Operate
+22
+18
dBm
0.1 dB Compression
No Damage
+23
dBm
Operating Temperature
0
+25
+65
°CTA
Non-Operating Temperature -34
+95
°CTA
GUARANTEED PERFORMANCE
MODEL NO.
CAT48049
GaAs 4 Section Attenuator
FEATURES
1800 - 4200 MHz
SPACE Application
Hermetic Package
Radiation Tolerant, 100 K Rad
Surface Mount
4 BIT
DA ICO
I ndustries
Rev. - / Iss. 1


Similar Part No. - CAT48049

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAT48049 ETC1-CAT48049 Datasheet
30Kb / 1P
GaAs 4 SECTION ATTENUATOR
More results

Similar Description - CAT48049

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAT48049 ETC1-CAT48049 Datasheet
30Kb / 1P
GaAs 4 SECTION ATTENUATOR
logo
DAICO Industries, Inc.
CAT15065 DAICO-CAT15065 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
CAT58054 DAICO-CAT58054 Datasheet
31Kb / 1P
GaAs 5 Section Attenuator
CAT65067 DAICO-CAT65067 Datasheet
34Kb / 1P
GaAs 6 Section Attenuator
DA0784-1 DAICO-DA0784-1 Datasheet
177Kb / 1P
GaAs 4 Section Attenuator
DA0923-10 DAICO-DA0923-10 Datasheet
27Kb / 1P
GaAs 1 Section Attenuator
DA0984-1 DAICO-DA0984-1 Datasheet
29Kb / 1P
GaAs 4 Section Attenuator
DAT41944 DAICO-DAT41944 Datasheet
164Kb / 1P
GaAs 4 Section Attenuator
DAT41994 DAICO-DAT41994 Datasheet
31Kb / 1P
GaAs 4 Section Attenuator
CAT48053 DAICO-CAT48053 Datasheet
33Kb / 1P
GaAs 4 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com