Electronic Components Datasheet Search
  English  ▼

X  

AP3401 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3401
Description  1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3401 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3401 Datasheet HTML 3Page - Diodes Incorporated AP3401 Datasheet HTML 4Page - Diodes Incorporated AP3401 Datasheet HTML 5Page - Diodes Incorporated AP3401 Datasheet HTML 6Page - Diodes Incorporated AP3401 Datasheet HTML 7Page - Diodes Incorporated AP3401 Datasheet HTML 8Page - Diodes Incorporated AP3401 Datasheet HTML 9Page - Diodes Incorporated AP3401 Datasheet HTML 10Page - Diodes Incorporated AP3401 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AP3401
Document number: DS37389 Rev. 2 - 2
7 of 11
www.diodes.com
June 2016
© Diodes Incorporated
AP3401
Application Information
Typical application circuit is shown in the application circuit and for the circuit parameters setting please refers to the following descriptions.
Under Voltage Lockout (UVLO) Circuit
When the VIN drops lower than the UVLO detector threshold, the UVLO circuit starts to operate, VREF stops, and high-side switch and low-side
switch built-
in switch transistors turn “OFF”. As a result, VOUT drops according to the COUT capacitance value and the load. When the VIN is rising
higher than UVLO released voltage, the IC will restart the operation.
Short Circuit Protection and Recovery
When the AP3401 output node is shorted to GND that VFB drops under 0.42V, the AP3401 will enter hiccup mode to protect itself. If short circuit is
removed, and VFB rises over 0.42V, the AP3401 recovers to normal operation again. If the AP3401 reaches OCP threshold while short circuit, the
AP3401 will enter cycle by cycle current limit mode until the current under OCP threshold.
Power Good
The PG pin output is an open drain MOSFET. The output is pulled low when the FB voltage enters the fault condition by falling below 80%or rising
above 120% of the nominal internal reference voltage. When the FB voltage rises to the good condition above 90% or falls below 110% of the
internal voltage reference PG output MOSET is turned off. It is recommended using a pull-up to VIN.
Over Temperature Protection
The internal thermal temperature protection circuitry is provided to protect the integrated circuit in the event that the maximum junction
temperature is exceeded. When the junction temperature exceeds +160°C, it shuts down the internal control circuit and switching power MOSFET.
The AP3401 will restart automatically under the control of soft start circuit when the junction temperature decreases to +145°C.
Input Over Voltage Protection
When input voltage of AP3401 is near 6.25V, the IC will enter Input-Over-Voltage-Protection. It would be shut down and there will be no output
voltage in this state. As the input voltage goes down below 6V, it will leave input OVP and recover the output voltage.
Setting the Output Voltage
The output voltage can be adjusted from 1 to 5V using an external resistor divider. Table 1 shows a list of resistor selections for common output
voltages. Resistor R1 is selected based on a design tradeoff between efficiency and output voltage accuracy. For high values of R1 there is less
current consumption in the feedback network. However the tradeoff is output voltage accuracy due to the bias current in the error amplifier. R1 can
be determined by the following equation. Meanwhile, the input capacitor should close to IC for preventing unexpected influences.
Figure 1. Feedback Divider Network
Table 1. Resistor Selection for Common Output
Out Voltage
R1
R2
C1
1.0V
91k
120k
22pf
1.2V
100k
100k
22pf
1.5V
150k
100k
22pf
1.8V
300k
150k
22pf
2.5V
380k
120k
22pf
2.8V
440k
120k
22pf
3.3V
430k
100k
22pf
LX
FB
R1
R2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com