Electronic Components Datasheet Search
  English  ▼

X  

AP3428 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3428
Description  1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3428 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3428 Datasheet HTML 2Page - Diodes Incorporated AP3428 Datasheet HTML 3Page - Diodes Incorporated AP3428 Datasheet HTML 4Page - Diodes Incorporated AP3428 Datasheet HTML 5Page - Diodes Incorporated AP3428 Datasheet HTML 6Page - Diodes Incorporated AP3428 Datasheet HTML 7Page - Diodes Incorporated AP3428 Datasheet HTML 8Page - Diodes Incorporated AP3428 Datasheet HTML 9Page - Diodes Incorporated AP3428 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP3428/A
Document number: DS37417 Rev. 2 - 2
6 of 13
www.diodes.com
June 2016
© Diodes Incorporated
AP3428/A
Performance Characteristics (@TA = +25°C, VIN = 5V, VOUT = 1.8V, unless otherwise specified.)
Efficiency vs. Load Current
Feedback Reference Voltage vs. Temperature
PFET Drain-Source On-State Resistance vs. Temperature
NFET Drain-Source On-State Resistance vs. Temperature
Quiescent Current vs. Temperature
Oscillation Frequency vs. Temperature
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
Output Current(mA)
V
IN
=5V, V
OUT
=1.0V
V
IN
=5V, V
OUT
=1.8V
V
IN
=5V, V
OUT
=3.3V
-60
-40
-20
0
20
40
60
80
100
120
140
0.570
0.575
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
0.625
0.630
Temperature(oC)
-60
-40
-20
0
20
40
60
80
100
120
140
100
120
140
160
180
200
220
240
260
Temperature(oC)
-60
-40
-20
0
20
40
60
80
100
120
140
80
100
120
140
160
180
200
220
240
Temperatrue(oC)
-60
-40
-20
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
70
80
90
100
Temperatrue(oC)
-60
-40
-20
0
20
40
60
80
100
120
140
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Temperature(oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com