Electronic Components Datasheet Search
  English  ▼

X  

AP3983D Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3983D
Description  HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3983D Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3983D Datasheet HTML 1Page - Diodes Incorporated AP3983D Datasheet HTML 2Page - Diodes Incorporated AP3983D Datasheet HTML 3Page - Diodes Incorporated AP3983D Datasheet HTML 4Page - Diodes Incorporated AP3983D Datasheet HTML 5Page - Diodes Incorporated AP3983D Datasheet HTML 6Page - Diodes Incorporated AP3983D Datasheet HTML 7Page - Diodes Incorporated AP3983D Datasheet HTML 8Page - Diodes Incorporated AP3983D Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP3983B/C/D
Document number: DS36784 Rev. 4 - 2
1 of 13
www.diodes.com
July 2016
© Diodes Incorporated
AP3983B/C/D
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Description
The AP3983B/C/D are series of high frequency power switcher for
power supplies with better conversion efficiency, better voltage &
current
accuracy,
and
improved
protection
functions.
Typical
applications include charger, adapter for ADSL, home appliance
power supply, LED lighting power supply and PC auxiliary power
supplies. The AP3983B/C/D with built in MOSFET, regulates the
output voltage and current in the primary side by piece-wise Pulse
Frequency Modulation (p-PFM) in discontinuous conduction mode
(DCM). The system operating frequency reduces linearly from heavy
load to light load in each interval of the p-PFM, and enters constant
current mode when the load current equals to the maximum system
output current.
The AP3983B/C/D has good transient characteristics. Typically,
minimal voltage of 4.3V at PCB side can be achieved for dynamic test
of 5V application system.
The AP3983B/C/D provides operating frequency dithering function to
improve EMC performance of power supply. The AP3983B/C/D also
has built-in fixed cable voltage drop compensation and adjustable line
voltage compensation.
The AP3983B/C/D solution has fewer component number, smaller
size, and lower total cost.
The AP3983B/C is packaged in SO-7. The AP3983C/D is packaged in
PDIP-7.
Features
Primary Side Control for Eliminating Opto-coupler
Better Transient Characteristics
Built-in N Channel MOSFET with 650 BVDSS
Low Start-up Current: 0.2
A (Typ.)
Internal Output Cable Voltage Drop Compensation
Hiccup Function to Improve Short Circuit Protection
Better Over Voltage Protection
Better Over Temperature Protection
Low Total Cost Solution
Output Power Range (Note 1)
:
AP3983B for 6W Adapter
AP3983C (SO-7) for 7.5W
AP3983C (PDIP-7) for 10W Adapter
AP3983D for 18W Adapter
Totally Lead-Free & Fully RoHS Compliant (Notes 2 & 3)
Halogen and Antimony Free.
“Green” Device (Note 4)
Pin Assignments
(Top View)
CPC
FB
VCC
CS
D
D
GND
1
2
3
4
7
6
5
SO-7 For AP3983B/C
(Top View)
1
2
3
4
7
6
5
CPC
FB
VCC
CS
D
D
GND
PDIP-7 For AP3983C/D
Applications
Adapters
Set Top Boxes
Auxiliary Supplies
Appliances
LED Driver
Notes:
1. Typical continuous power in a non-ventilated enclosed adapter measured at +50°C ambient.
2. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
3. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
4. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3983D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3983DP7-G1 DIODES-AP3983DP7-G1 Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
More results

Similar Description - AP3983D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3983E DIODES-AP3983E Datasheet
568Kb / 10P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312_15 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
HT7A6322 HOLTEK-HT7A6322 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 2
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
AP3987CT DIODES-AP3987CT Datasheet
559Kb / 15P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev. 2 - 2 June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com