Electronic Components Datasheet Search
  English  ▼

X  

B190Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B190Q
Description  1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B190Q Datasheet(HTML) 2 Page - Diodes Incorporated

  B190Q Datasheet HTML 1Page - Diodes Incorporated B190Q Datasheet HTML 2Page - Diodes Incorporated B190Q Datasheet HTML 3Page - Diodes Incorporated B190Q Datasheet HTML 4Page - Diodes Incorporated B190Q Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B170Q - B1100Q
Document number: DS38613 Rev.1 - 2
2 of 5
www.diodes.com
January 2016
© Diodes Incorporated
B170Q - B1100Q
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
B170Q
B180Q
B190Q
B1100Q
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
80
90
100
V
RMS Reverse Voltage
VR(RMS)
49
56
63
70
V
Average Rectified Output Current
@ TT = +125°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
30
A
Repetitive Peak Reverse Current
IRRM
1.0
A
Thermal Characteristics
Characteristic
Symbol
B170Q
B180Q
B190Q
B1100Q
Unit
Typical Thermal Resistance Junction to Terminal (Note 6)
RJT
25
C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
-
-
-
-
0.79
0.69
V
IF = 1.0A, TA = +25°C
IF = 1.0A, TA = +100°C
Leakage Current (Note 7)
IR
-
-
-
-
0.5
5.0
mA
@ Rated VR, TA = +25C
@ Rated VR, TA = +100°C
Total Capacitance
CT
-
-
80
pF
VR = 4V, f = 1MHz
Notes:
6. Valid provided that terminals are kept at ambient temperature.
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com