Electronic Components Datasheet Search
  English  ▼

X  

B520C Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B520C
Description  5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B520C Datasheet(HTML) 3 Page - Diodes Incorporated

  B520C Datasheet HTML 1Page - Diodes Incorporated B520C Datasheet HTML 2Page - Diodes Incorporated B520C Datasheet HTML 3Page - Diodes Incorporated B520C Datasheet HTML 4Page - Diodes Incorporated B520C Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B520CQ - B560CQ
Document number: DS38595 Rev. 1 - 2
3 of 5
www.diodes.com
January 2016
© Diodes Incorporated
B520CQ - B560CQ
Note:
8. Device mounted on FR-4 substrate, 1" x 1", 2oz, single-sided, PC boards with 0.56" x 0.73" copper pad.
0
200
400
600
800
1,000
0
1
10
100
V , DC REVERSE VOLTAGE (V)
R
Figure 3 Total Capacitance vs.
Reverse Voltage (B520C - B540C)
f = 1MHz
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
Figure 4 Typical Forward Characteristics (B550C-B560C)
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = 125°C
A
T = 150°C
A
T = 25°C
A
T = 75°C
A
T = 100°C
A
0.001
0.01
0.1
1
10
100
20
40
60
80
100
T = 150°C
A
T = 125°C
A
T = 100°C
A
T = 75°C
A
T = 25°C
A
Figure 5 Typical Reverse Characteristics (B550C-B560C)
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
0
200
400
600
800
1000
0
1
10
100
V , DC REVERSE VOLTAGE (V)
R
Figure 6 Total Capacitance vs.
Reverse Voltage (B550C-B560C)
f = 1MHz
0
1
2
3
4
5
6
25
50
75
100
125
150
Note 8
T , TERMINAL TEMPERATURE ( C)
T
°
Figure 7 DC Forward Current Derating
0
35
70
105
140
175
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 8 Max Non-Repetitive Peak Forward Surge Current
Single Half-Sine-Wave



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com