Electronic Components Datasheet Search
  English  ▼

X  

39P Datasheet(PDF) 1 Page - Bi technologies

Part # 39P
Description  15 mm Single-Turn Trimmer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

39P Datasheet(HTML) 1 Page - Bi technologies

  39P Datasheet HTML 1Page - Bi technologies 39P Datasheet HTML 2Page - Bi technologies 39P Datasheet HTML 3Page - Bi technologies 39P Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL 39
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
May 21, 2009
page 1 of 4
BI technologies
15 mm Single-Turn Trimmer
Dust Proof
Carbon Element
RoHS Compliant
STYLES AVAILABLE
Top Adjust
39P
Side Adjust
39W
ELECTRICAL1
Resistance Range
100 to 1,000,000 Ohms
Standard Resistance Tolerance
± 30%, (±20% and ±10% available)
Input Voltage, Maximum
250 Vdc
Power rating, Watts
Linear :0.25W, others : 0.15W, at 50°C
End Resistance, Maximum
< 500K - 2 ohms and
≥ 500K - 1%
Actual Electrical Travel
250° ±20°
Insulation Resistance, Minimum
100 Megohms
Resolution
Essentially infinite
Contact Resistance Variation
5% Max.
MECHANICAL
Torque, Maximum
2 in. oz.
Weight, Approx.
0.01 oz.
Wiper Position
Approx. 50%
1
Specifications subject to change without notice.
ENVIRONMENTAL
Operating Temperature Range
-25°C to +70°C
Rotational Life, 500 Cycles
±3%
ΔR
Load Life, 0.25W, 1000 Hours, 50
°C
±5%
ΔR
Resistance to Solder Heat
260
°C for 3 sec.
Aqueous cleaning not recommended


Similar Part No. - 39P

ManufacturerPart #DatasheetDescription
logo
Bi technologies
39PLABR100KLF10 BITECH-39PLABR100KLF10 Datasheet
283Kb / 4P
15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
39PLABR100KLF20 BITECH-39PLABR100KLF20 Datasheet
283Kb / 4P
15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
39PLABR100KLF30 BITECH-39PLABR100KLF30 Datasheet
283Kb / 4P
15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
logo
Texas Instruments
39PS TI-39PS Datasheet
56Kb / 4P
25PS, 42PS, 44PS, 45PS and 46PS Series Pressure Switches
More results

Similar Description - 39P

ManufacturerPart #DatasheetDescription
logo
Bi technologies
39WLABR100KLF30 BITECH-39WLABR100KLF30 Datasheet
283Kb / 4P
15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
logo
TT Electronics.
MODEL22 TTELEC-MODEL22 Datasheet
645Kb / 3P
SINGLE TURN TRIMMER
MODEL23 TTELEC-MODEL23 Datasheet
782Kb / 3P
SINGLE TURN TRIMMER
MODEL25 TTELEC-MODEL25 Datasheet
754Kb / 4P
SINGLE TURN TRIMMER
MODEL72 TTELEC-MODEL72 Datasheet
989Kb / 5P
SINGLE TURN TRIMMER
MODEL82 TTELEC-MODEL82 Datasheet
816Kb / 4P
SINGLE TURN TRIMMER
MODEL93 TTELEC-MODEL93 Datasheet
613Kb / 3P
SINGLE TURN TRIMMER
logo
Vishay Siliconix
T53 VISHAY-T53 Datasheet
102Kb / 5P
5 mm Through Hole Trimmer Single-Turn Cermet
12-Jan-17
T53 VISHAY-T53_V01 Datasheet
84Kb / 5P
5 mm Through Hole Trimmer Single-Turn Cermet
12-Jan-17
T11 VISHAY-T11_V01 Datasheet
80Kb / 4P
12.5 mm Square Modular Single-Turn Cermet Trimmer
03-Apr-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com