Electronic Components Datasheet Search
  English  ▼

X  

B560C Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B560C
Description  5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B560C Datasheet(HTML) 1 Page - Diodes Incorporated

  B560C Datasheet HTML 1Page - Diodes Incorporated B560C Datasheet HTML 2Page - Diodes Incorporated B560C Datasheet HTML 3Page - Diodes Incorporated B560C Datasheet HTML 4Page - Diodes Incorporated B560C Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
B520CQ - B560CQ
Document number: DS38595 Rev. 1 - 2
1 of 5
www.diodes.com
January 2016
© Diodes Incorporated
B520CQ - B560CQ
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Product Summary
B520CQ/B530CQ/B540CQ
VRRM (V)
IO (A)
VF Max (V)
IR Max (mA)
20/30/40
5.0
0.55
0.5
B550CQ/B560CQ
VRRM (V)
IO (A)
VF Max (V)
IR Max (mA)
50/60
5.0
0.70
0.5
Description and Applications
This Schottky Barrier Rectifier is designed to meet the general
requirements of commercial applications. It is ideally suited for use as
a:
Polarity Protection Diode
Re-Circulating Diode
Switching Diode
Features and Benefits
Guard Ring Die Construction for Transient Protection
Ideally Suited for Automated Assembly
Low Power Loss, High Efficiency
For Use in Low-Voltage, High-Frequency Inverters, Free
Wheeling, and Polarity Protection Application
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Notes 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SMC
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band or Cathode Notch
Weight: 0.21 grams (Approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
B5X0CQ-13-F
Automotive
SMC
3,000/Tape & Reel
* xx = Device type, e.g. B520C-13-F (SMC package).
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/product_compliance_definitions.html.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Bottom View
Green
B5x0C = Product Type Marking Code, ex: B540C (SMC package)
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 4 for 2014)
WW = Week Code (01 to 53)
x = 2,3,4,5 or 6 - i.e., x = 4 for B540C
SMC


Similar Part No. - B560C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B560C DIODES-B560C Datasheet
48Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. C-2
B560C DIODES-B560C Datasheet
426Kb / 3P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
B560C BILIN-B560C Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
B560C DIODES-B560C Datasheet
97Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 14 - 2
logo
Shenzhen Luguang Electr...
B560C LUGUANG-B560C Datasheet
187Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B560C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SD520S WTE-SD520S Datasheet
43Kb / 3P
5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B520C DIODES-B520C Datasheet
48Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. C-2
B520C_ DIODES-B520C_ Datasheet
426Kb / 3P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 8 - 2
B520C DIODES-B520C_10 Datasheet
97Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 14 - 2
B540C-13 DIODES-B540C-13 Datasheet
167Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 15
B520C-13 DIODES-B520C-13 Datasheet
293Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
SK52 SUNMATE-SK52 Datasheet
101Kb / 2P
5.0A Surface Mount Schottky Barrier Rectifier
SS52 SUNMATE-SS52 Datasheet
98Kb / 2P
5.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B520C DIODES-B520C_15 Datasheet
293Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
B520CE DIODES-B520CE Datasheet
478Kb / 5P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
December 2019 Rev. 3 - 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com