Electronic Components Datasheet Search
  English  ▼

X  

SLX-5MS Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # SLX-5MS
Description  Managed Fast Ethernet Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

SLX-5MS Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  SLX-5MS Datasheet HTML 1Page - Red Lion Controls. Inc SLX-5MS Datasheet HTML 2Page - Red Lion Controls. Inc SLX-5MS Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Managed Fast Ethernet Switches
PRODUCT HIGHLIGHTS
> Hardened Industrial Design
> Wide -40° to 75°C Operating Temperature
> Redundant 10 to 30 VDC Power Inputs
> Modbus/TCP Remote Monitoring
> Real-Time Ring and Rapid Spanning Tree Protocol for
network redundancy
Red Lion’s Sixnet® series SLX-5MS managed Fast
Ethernet switches features five ports with up to two
fiber ports and Modbus monitoring, providing reliable
connectivity options in harsh environments.
Rugged SLX-5MS managed switches feature 5 ports (up to 2 fiber ports) and are housed in slim,
hardened metal DIN-rail enclosures with redundant 10-30 VDC power inputs. Designed to handle
harsh environments, SLX-5MS switches offer wire-speed throughput, high MTBF and wide -40°
to 75°C operating temperature ratings. Real-Time Ring, Modbus/TCP and HTTPS ensure reliable
and secure operation in industrial applications.
APPLICATIONS
> Alternative Energy
> Maritime
> Oil & Gas
> Transportation
> Utility
> Water/Wastewater
SLX-5MS Industrial Ethernet Switches
Sixnet® Networking Series
FEATURES & BENEFITS
> 5 Fast Ethernet Ports
• Up to Five 10/100Base-T(X) copper ports
• Up to two 100Base-FX fiber ports
> Redundant Power Inputs
• 10-30VDC
• Reverse polarity protection
> Robust Industrial Design
• -40° to 75°C operating temperature
• Hardened IP40 enclosure
• Extended shock and vibration specs
• Electrical noise and surge immunity
• LED status indicators
• Configurable alarm output
• DIN-Rail or panel mount
• >2 million hours MTBF
• UL/CSA: Class 1, Div 2
> Fully Managed Features Include:
• Web browser or CLI management
• Secure web (HTTPS/SSL) and Telnet (SSH)
• Broadcast and multicast storm protection
• SNMP v1, v2, v3
• DHCP Server
• Real-Time Ring fast-healing ring technology
• RSTP - 802.1w and 802.1D
• 802.1p QoS/CoS/DS
• IGMP multicast filtering
• SNTP (Simple Network Time Protocol)
• RMON & port mirroring for advanced diagnostics
• Modbus/TCP monitoring for port, power and
ring status
C
US
UL
R
LISTED
compliant


Similar Part No. - SLX-5MS

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-5MS-MDM REDLION-SLX-5MS-MDM Datasheet
386Kb / 3P
Managed Fast Ethernet Switch with Telephone Modem
SLX-5MS-MDM-1 REDLION-SLX-5MS-MDM-1 Datasheet
386Kb / 3P
Managed Fast Ethernet Switch with Telephone Modem
More results

Similar Description - SLX-5MS

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-16MS-1 REDLION-SLX-16MS-1 Datasheet
394Kb / 3P
Managed Fast Ethernet Switch
logo
Moxa Inc.
EDS-505A MOXA-EDS-505A Datasheet
1Mb / 6P
5-port managed Ethernet switches
EDS-508A MOXA-EDS-508A Datasheet
856Kb / 6P
8-port managed Ethernet switches
EDS-516A MOXA-EDS-516A Datasheet
800Kb / 5P
16-port managed Ethernet switches
ICS-G7750A MOXA-ICS-G7750A Datasheet
758Kb / 6P
Gigabit modular managed Ethernet switches
ICS-G7852A MOXA-ICS-G7852A Datasheet
770Kb / 7P
Gigabit modular managed Ethernet switches
IM-6700A MOXA-IM-6700A Datasheet
566Kb / 4P
Fast Ethernet modules for modular managed switches
PT-G7509 MOXA-PT-G7509 Datasheet
704Kb / 6P
Gigabit managed rackmount Ethernet switches
PT-G7728 MOXA-PT-G7728 Datasheet
2Mb / 7P
Gigabit modular managed Ethernet switches
PT-G7828 MOXA-PT-G7828 Datasheet
2Mb / 7P
gigabit modular managed Ethernet switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com