Electronic Components Datasheet Search
  English  ▼

X  

PAX2D Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # PAX2D
Description  PAX2D - Dual Line Digital Input Panel MeterMeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAX2D Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  PAX2D Datasheet HTML 1Page - Red Lion Controls. Inc PAX2D Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual Line Digital Input Panel Meter
Red Lion PAX®2 Series
PAX2D - Dual Line Digital Input Panel MeterMeter
With its dual display and digital input, the
PAX2D delivers an ideal solution for applications
that require two parameters to be visualized
at the same time.
Line one consists of a 0.7" high 6 digit LCD display that can be programmed
to show Counters A, B, or C; Rate A, B, or C; or the Hi or Lo values. The
color can be tied to the setpoints; providing the operator with a visual display
of changing conditions in the application. A second display line can be
programmed for any of the above parameters as well. The meter also offers
a programmable custom unit indicator for both displays.
PAX2D provides the maximum in application flexibility; by accepting inputs
from proximity sensors, magnetic sensors, photo eyes, length sensors, rotary
pulse generators, transistors or a plain switch.
PRODUCT HIGHLIGHTS
> Count, Dual Count, Rate, and Dual Rate
> Math Function Capability
> Universal Power Supply: 50 to 250 VAC
or 21.6 to 250 VDC
> Built-in USB Programming/Virtual Comms Port
> Setpoints: Dual or Quad Relay; Quad Sinking;
Quad Sourcing/SSR Drive; and Dual Triac/Dual
SSR Drive
> Retransmitted Analog Output
> Communications: Modbus Protocol; RS232,
RS485, DeviceNet, and Profibus
FEATURES & BENEFITS
> Main display offers three programmable,
easy-to-read colors: red, orange and green
> The display color can be tied to the setpoints
> Second display line is a 0.35" high 9 digit,
green LCD
> The 9-digit display accommodates totalizing
applications that exceed the normal 6-digit displays
> Stock one meter for multiple applications
7
1
3
4
5
6
2
1. Top Line: 6-Digit 0.7" (18 mm) Display
2. Programmable for Red, Orange or Green
3. Custom Unit Indicator
4. Tactile Feel Buttons
5. Setpoint Annunciators
6. Bottom Line: 9-Digit 0.35" (9 mm) Green Display
7. Built-In USB Port


Similar Part No. - PAX2D

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PAX2 REDLION-PAX2 Datasheet
2Mb / 8P
Award-winning solutions from the number one brand in the industry
logo
TT Electronics.
PAX2445TD TTELEC-PAX2445TD Datasheet
254Kb / 2P
45 WATT CONSTANT VOLTAGE 45 WATT CONSTANT VOLTAGE
09/06/2020
logo
Red Lion Controls. Inc
PAX2A REDLION-PAX2A Datasheet
691Kb / 2P
Dual Line Display MeterDual
PAX2A000 REDLION-PAX2A000 Datasheet
691Kb / 2P
Dual Line Display MeterDual
PAX2A000 REDLION-PAX2A000 Datasheet
2Mb / 8P
Award-winning solutions from the number one brand in the industry
More results

Similar Description - PAX2D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74S140 FAIRCHILD-DM74S140 Datasheet
35Kb / 3P
Dual 4-Input NAND 50??Line Driver
logo
NXP Semiconductors
SAA6713H PHILIPS-SAA6713H Datasheet
521Kb / 103P
XGA dual input flat panel controller
2004 Apr 05
logo
Texas Instruments
74S140 TI-74S140 Datasheet
88Kb / 1P
DUAL 4-INPUT NAND LINE DRIVER
logo
Sanyo Semicon Device
TM600 SANYO-TM600 Datasheet
310Kb / 8P
Digital Panel Module
logo
Wall Industries,Inc.
LANCW3 WALL-LANCW3 Datasheet
105Kb / 3P
Wide Input Range, Dual In-Line Package
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
DM-2000AB MURATA-DM-2000AB Datasheet
814Kb / 3P
Digital Panel Meter
logo
Extech Instruments Corp...
421502 EXTECH-421502 Datasheet
163Kb / 12P
Dual Input Type J/K Digital Thermometer
logo
List of Unclassifed Man...
715 ETC2-715 Datasheet
100Kb / 1P
DUAL INPUT DIGITAL THERMOMETERS
logo
Analog Devices
ADE1202 AD-ADE1202 Datasheet
1Mb / 42P
Dual Channel, Configurable, Isolated Digital Input
Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com