Electronic Components Datasheet Search
  English  ▼

X  

NTCD-CFG Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # NTCD-CFG
Description  Managed Gigabit Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

NTCD-CFG Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  NTCD-CFG Datasheet HTML 1Page - Red Lion Controls. Inc NTCD-CFG Datasheet HTML 2Page - Red Lion Controls. Inc NTCD-CFG Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
compliant
FEATURES & BENEFITS
> Supports up to three of the following port modules:
• 8-port 10/100/1000BaseT(X) module
• 8-port 100Base fiber module
• 8-port 1000Base fiber module
• 8-port Gigabit SFP module
• 8-port dual mode SFP module
(100Base or 1000Base SFP transceivers)
> -40
o C to 85o C operating temperature
> Dual power input options:
• Low Voltage: 18-49 VDC
• High Voltage: 90-264 VAC or 90-300 VDC
> Onboard temperature sensor
> ESD and surge protection diodes on all copper ports
> Auto-sensing 10/100/1000BaseT(X), duplex and MDIX
> USB configuration port
> Configurable alarm contact
NT24k® Modular Industrial Switch
N-Tron® Networking Series
Managed Gigabit Industrial Ethernet Switch
PRODUCT HIGHLIGHTS
> All Gigabit Modular Design
> Up to 24 Port Connections
> High Environmental Specifications
> N-Ring Advanced Ring Technology
> Robust Remote Monitoring
> Smart Plug-and-Play Operation
APPLICATIONS
> Factory Automation
> Utilities
> SCADA
> Security Surveillance
> Transportation
> Alternative Energy
> Optional backup/restore configuration device
> Fully managed features include:
• Jumbo frame support
• SNMP v1, v2, v3
• Web browser management
• Detailed ring map and fault location charting
• RSTP - 802.1d, 802.1w, 802.1D
• Trunking and port mirroring
• 802.1Q tag VLAN and port VLAN
• IEEE 802.1x with RADIUS remote server authentication
• 802.1p QoS, port QoS and DSCP
• DHCP client
• Event Log
• SNTP (Simple Network Time Protocol)
• Multi-Member N-Ring™ technology with ~30ms healing
• N-Link™ redundant ring technology
• N-View™ monitoring technology
• EtherNet/IP™ CIP™ messaging
The N-Tron® series NT24k® is a modular
managed switch designed for factory
automation, utilities, SCADA, security
surveillance and other industrial applications.
The Red Lion N-Tron series NT24k managed industrial Ethernet switch features connectivity
for up to 24 Gigabit ports and offers a wide range of connectivity options—including 100Base,
Gigabit, fiber optic and copper options—in a rugged 1U 19” rackmount enclosure. Designed to handle the most
demanding environments, the NT24k delivers wire-speed throughput and includes dual power inputs, expanded shock and vibration
tolerances, extreme operating temperature range and three slots to accommodate mix-and-match port modules. N-Ring™ technology
restores network communication within ~30ms of fault detection. Robust remote monitoring capabilities make management easy.


Similar Part No. - NTCD-CFG

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NTCD-CFG REDLION-NTCD-CFG Datasheet
514Kb / 2P
Industrial Managed Gigabit Ethernet Switch
NTCD-CFG REDLION-NTCD-CFG Datasheet
573Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NTCD-CFG REDLION-NTCD-CFG Datasheet
562Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NTCD-CFG REDLION-NTCD-CFG Datasheet
558Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NTCD-CFG REDLION-NTCD-CFG Datasheet
562Kb / 3P
Industrial Managed Gigabit Ethernet Switch
More results

Similar Description - NTCD-CFG

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NT24K-16TX REDLION-NT24K-16TX Datasheet
514Kb / 2P
Industrial Managed Gigabit Ethernet Switch
NT24K-14GX6 REDLION-NT24K-14GX6 Datasheet
573Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-14FX6 REDLION-NT24K-14FX6 Datasheet
562Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-12SFP-DM4 REDLION-NT24K-12SFP-DM4 Datasheet
558Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-12GX4 REDLION-NT24K-12GX4 Datasheet
562Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-11GX3 REDLION-NT24K-11GX3 Datasheet
557Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-11FX3 REDLION-NT24K-11FX3 Datasheet
552Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-10GX2 REDLION-NT24K-10GX2 Datasheet
554Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K_DR24 REDLION-NT24K_DR24 Datasheet
672Kb / 3P
Managed Gigabit Industrial Ethernet Switch
NT24K_DR16 REDLION-NT24K_DR16 Datasheet
622Kb / 3P
Managed Gigabit Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com