Electronic Components Datasheet Search
  English  ▼

X  

PX2FCA10 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # PX2FCA10
Description  Dual-Line PID Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PX2FCA10 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  PX2FCA10 Datasheet HTML 1Page - Red Lion Controls. Inc PX2FCA10 Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DISPLAY PROPERTIES
Negative image LCD with tri-color backlight.
The display is divided into seven independently programmable color
zones: Line 1, Line 2, Universal Annunciators (1-4) & Mnemonics
Vertical Model: Line 1 - 0.51" (13.0 mm), Line 2 - 0.44" (11.2 mm)
Horizontal Model: Line 1 - 0.62" (15.7 mm), Line 2 - 0.47" (12.0 mm)
Display Range: -1999 to 9999
POWER
AC Power: 40 to 250 VAC, 50/60 Hz, 20 VA
DC Power: 21.6 to 250 VDC, 8 W
KEYPAD
2 programmable function keys, 4 keys total
A/D CONVERTER
24 bit resolution
UPDATE RATES
A/D conversion rate: programmable 5 to 40 readings/sec.
INPUT CAPABILITIES
Current Input: ± 250 µADC, ± 2.5 mADC, ± 25 mADC,
± 250 mADC, and ±2 ADC
Voltage Input: ± 250 mVDC, ± 2.0 VDC, ± 10 VDC, ± 25 VDC,
± 100 VDC, and ± 200 VDC
Thermocouple Input: T, E, J, K, R, S, B, N, and C
RTD Input: 100Ω Pt (Alpha 0.00385 and 0.00392) 120Ω Nickel
(Alpha 0.00672) and 10Ω Copper (Alpha 0.00427)
Resistance Input: 100Ω, 1,000Ω, and 10 K Ω
EXCITATION POWER
Jumper selectable
Transmitter Power: +18 VDC @ 50 mA
Reference Voltage: +2 VDC, ± 2%
Reference Current: 1.05 mADC, ± 2%
CUSTOM LINEARIZATION
Data Point Pairs: Selectable from 2 to 16
Display Range: -1999 to 9999
Decimal Point: 0 to 0.000
MEMORY
Nonvolatile FRAM memory retains all programmable
parameters and display values
INPUTS
Two programmable user inputs
CERTIFICATION & COMPLIANCE
Refer to EMC Installation Guidelines section of the bulletin for
additional information
UL Listed: File #E179259
CONNECTIONS
High compression cage-clamp terminal block
ENVIRONMENTAL
Operating Temperature Range: 0 to 50 °C
Storage Temperature Range: -40 to 60 °C
Operating and Storage Humidity: 0 to 85% max.
relative humidity non-condensing
Altitude: Up to 2000 meters
MECHANICAL
Construction: This unit is rated for NEMA 4X/IP65 indoor use;
IP20 Touch safe; Installation Category II, Pollution Degree 2;
One piece bezel/case; Flame resistant; Synthetic rubber keypad;
Panel gasket and mounting clip included
Weight: 8 oz. (226.8 g)
DIMENSIONS In inches (mm)
PAX2C PID Controller Specifications
3.80
1.95
0.10
4.14
(96.52)
(49.53)
(2.54)
(105.16)
Note: To determine dimensions for horizontal units, swap height and width.
ORDERING INFORMATION
PART NUMBER
MODEL
DESCRIPTION
PX2C8H00
PAX2C
Universal Input Temperature/Process Controller, Horizontal
PX2C8V00
Universal Input Temperature/Process Controller, Vertical
PAXCDS10
PAXCDS
Dual Setpoint Relay Output Card
PAXCDS20
Quad Setpoint Relay Output Card
PAXCDS30
Quad Setpoint Sinking Open Collector Output Card
PAXCDS40
Quad Setpoint Sourcing Open Collector Output Card
PAXCDS50
Dual Triac/Dual SSR Drive Digital Output Card
PAXCDS60
Quad Form C Relay Digital Output Card
PAXCDC10
PAXCDC
RS485 Serial Communications Card with Terminal Block
PAXCDC1C
Extended RS485 Serial Communications Card with Dual RJ11
Connector
PAXCDC20
RS232 Serial Communications Card with Terminal Block
PAXCDC2C
Extended RS232 Serial Communications Card with
9 Pin D Connector
PAXCDC30
DeviceNet Communications Card
PAXCDC50
Profibus-DP Communications Card
PAXCDL10
PAXCDL
Analog Output Card
PX2FCA00
PX2FCA
Process Input/Remote Setpoint Input Card, with Digital Outputs
PX2FCA10
Heater Current Monitor Input Card, with Digital Outputs
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron® and Sixnet®. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.
ADLD0145 093015 ©2015 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
All specifications are subject to change. Consult the company website for more information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com