Electronic Components Datasheet Search
  English  ▼

X  

GMSG Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # GMSG
Description  Strain Gage Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

GMSG Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  GMSG Datasheet HTML 1Page - Red Lion Controls. Inc GMSG Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Graphite™ Series Strain Gage Module
Red Lion Automation Series
Strain Gage Module
PRODUCT HIGHLIGHTS
> Full PID Control Functionality
> Load Cell, Pressure and Torque Bridge Inputs
> Extended Operating Temperature
> Multiple Output Options
> Digital Rate, Batch Totalizer and Peak/
Valley Recording
The GMSG plug-in modules expand the
functionality of our Graphite series HMI operator
interface panels with PID control of load cells,
pressure and torque transducers.
Expanding Graphite HMI functionality to include strain gage inputs is easy with
GMSG plug-in modules. GMSG modules include full-featured single loop PID
controllers designed to accept low level signals from a wide variety of bridge-type
transducers. Optional second strain gage inputs are available to provide math
capabilities between input channels for customized programs. Available with a
user-selectable analog output and solid state or relay outputs, the GMSG module
can perform virtually any combination of time-proportioning or linear output
control operations.
APPLICATIONS
> Factory Automation
> Manufacturing
> Plastic Extrusion
> Food Processing
FEATURES & BENEFITS
> Dual Strain Gage Inputs (Model Dependent)
• Monitor and control load cells, pressure and
torque transducers
> Three Solid-State or Three Relay Outputs
• Easily control processes that include weight,
pressure and tensioning
> Up-To Seven Soft Alarms Can Trigger Discrete Outputs
• Trigger outputs for precision operation
> User Selectable Analog Output
• Software defined (0-10 VDC, 0-20 mA, or 4-20 mA)
> -40° to 70°C Operating Temperature
• Reliably works in harsh environmental conditions
> Control Modes Include:
• On/Off, P, PI, or PID control


Similar Part No. - GMSG

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
GMSG10R0* REDLION-GMSG10R0* Datasheet
1Mb / 4P
Graphic Operator Interface Panels with Modular I/O
GMSG10S0* REDLION-GMSG10S0* Datasheet
1Mb / 4P
Graphic Operator Interface Panels with Modular I/O
GMSG11R0* REDLION-GMSG11R0* Datasheet
1Mb / 4P
Graphic Operator Interface Panels with Modular I/O
GMSG11SO* REDLION-GMSG11SO* Datasheet
1Mb / 4P
Graphic Operator Interface Panels with Modular I/O
More results

Similar Description - GMSG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B16-CUSTOM AD-3B16-CUSTOM Datasheet
350Kb / 8P
Narrow Bandwidth Strain Gage Input
3B18-00 AD-3B18-00 Datasheet
335Kb / 8P
Wide Bandwidth Strain Gage Input
logo
Vishay Siliconix
2120B VISHAY-2120B Datasheet
95Kb / 1P
Strain Gage Signal Conditioner/Amplifier
21-Nov-03
logo
National Instruments Co...
NISCXI-1521 NI-NISCXI-1521 Datasheet
582Kb / 3P
SCXI Quarter-Bridge Strain Gage Input Module
NI9235 NI-NI9235 Datasheet
479Kb / 5P
8-Channel Strain Gage Modules
NICFP-SG-140 NI-NICFP-SG-140 Datasheet
186Kb / 4P
Strain Gage Module for Compact FieldPoint
NI9235 NI-NI9235_14 Datasheet
418Kb / 10P
8-Channel Strain Gage Modules
NISCX-1121B NI-NISCX-1121B Datasheet
582Kb / 3P
SCXI Quarter-Bridge Strain Gage Input Module
NISCXI-1520 NI-NISCXI-1520 Datasheet
320Kb / 9P
SCXI Universal Strain Gage Input
logo
Analog Devices
3B18 AD-3B18_15 Datasheet
340Kb / 8P
Wide Bandwidth Strain Gage Input
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com