Electronic Components Datasheet Search
  English  ▼

X  

LM4732 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4732
Description  Stereo 50W Audio Power Amplifier with Mute
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4732 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4732 Datasheet HTML 1Page - National Semiconductor (TI) LM4732 Datasheet HTML 2Page - National Semiconductor (TI) LM4732 Datasheet HTML 3Page - National Semiconductor (TI) LM4732 Datasheet HTML 4Page - National Semiconductor (TI) LM4732 Datasheet HTML 5Page - National Semiconductor (TI) LM4732 Datasheet HTML 6Page - National Semiconductor (TI) LM4732 Datasheet HTML 7Page - National Semiconductor (TI) LM4732 Datasheet HTML 8Page - National Semiconductor (TI) LM4732 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM4732
Stereo 50W Audio Power Amplifier with Mute
General Description
The LM4732 is a stereo audio amplifier capable of typically
delivering 50W per channel of continuous average output
power into a 4
Ω or 8Ω load with less than 10% THD+N from
20Hz - 20kHz.
The LM4732 has short circuit protection and a thermal shut
down feature that is activated when the die temperature
exceeds 150˚C. The LM4732 also has an under voltage lock
out feature for click and pop free power on and off.
Each amplifier of the LM4732 has an independent smooth
transition fade-in/out mute.
The LM4732 has a wide operating supply range from +/-10V
- +/-40V allowing for lower cost unregulated power supplies
to be used.
The LM4732 amplifiers can easily be configured for bridge or
parallel operation for 100W mono solutions.
Key Specifications
j Output Power/Channel at 10% THD+N,
1kHz into 4
Ω or 8Ω
50W (typ)
j THD+N at2x1W into 8
Ω, 1kHz
0.01% (typ)
j Mute Attenuation
110dB (typ)
j PSRR
89dB (typ)
j Slew Rate
19V/µs (typ)
Features
n
Low external component count
n
Quiet fade-in/out mute mode
n
Wide supply range: 20V - 80V
Applications
n
Audio amplifier for component stereo
n
Audio amplifier for compact stereo
n
Audio amplifier for self-powered speakers
n
Audio amplifier for high-end and HD TVs
Typical Application
20072422
FIGURE 1. Typical Audio Amplifier Application Circuit
July 2003
© 2003 National Semiconductor Corporation
DS200724
www.national.com


Similar Part No. - LM4732

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
Stereo 14W Audio Power Amplifier with Mute and Standby Modes
LM4730TA NSC-LM4730TA Datasheet
643Kb / 17P
Stereo 14W Audio Power Amplifier with Mute and Standby Modes
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4731TA NSC-LM4731TA Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4733 NSC-LM4733 Datasheet
939Kb / 23P
3 Channel 30W Audio Power Amplifier with Mute
More results

Similar Description - LM4732

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
Stereo 11W Audio Power Amplifier with Mute
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
Stereo 11W Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
LM4755TS TI1-LM4755TS Datasheet
953Kb / 24P
LM4755 Stereo 11W Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
LM4755 TI1-LM4755 Datasheet
1Mb / 29P
LM4755 Stereo 11W Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com