Electronic Components Datasheet Search
  English  ▼

X  

LM4852ITL Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4852ITL
Description  Integrated Audio Amplifier System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4852ITL Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4852ITL Datasheet HTML 2Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 3Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 4Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 5Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 6Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 7Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 8Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 9Page - National Semiconductor (TI) LM4852ITL Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical Characteristics 3.0V (Notes 2, 8) (Continued)
The following specifications apply for V
DD= 3.0V, TA= 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4852
Units
(Limits)
Typical
(Note 5)
Limits
(Notes 6,
11)
Digital Volume Range
(R
IN and LIN)
Input referred minimum gain
-40.5
-41.1
-39.9
dB (min)
dB (max)
Input referred maximum gain
6.0
5.4
6.6
dB (min)
dB (max)
Digital Volume Stepsize
1.5
dB
Digital Volume Stepsize Error
±0.1
±0.6
dB ( max)
Phone In Volume
BTL gain from Phone In to SPKR
OUT
6
5.4
6.6
dB (min)
dB (max)
Mute Attenuation
Output Mode 1, 3, 5
100
dB
Phone In Input Impedance
20
15
25
k
Ω (min)
k
Ω (max)
R
IN and LIN Input Impedance
Maximum gain setting
30
22.5
37.5
k
Ω (min)
k
Ω (max)
Mininum gain setting
100
75
125
k
Ω (min)
k
Ω (max)
T
SD
Thermal Shutdown Temperature
170
150
˚C (min)
t
1
SCL (Clock) Period
2.5
µs (min)
t
2
SDA to SCL Set-up Time
100
ns (min)
t
3
Data Out Stable Time
0
ns (min)
t
4
Start Condition Time
100
ns (min)
t
5
Stop Condition Time
100
ns (min)
Note 2: Absolute Maximum Rating indicate limits beyond which damage to the device may occur.
Note 3: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Typical specifications are specified at +25˚C and represent the most likely parametric norm.
Note 6: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 7: Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200pF cap is charged to the specified voltage, then discharged directly into the
IC with no external series resistor (resistance of discharge path must be under 50
Ω).
Note 8: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 9: The given
θJA and θJC are for an LM4852 mounted on a demonstration board with a 4in2 area of 1oz printed circuit board copper ground plane.
Note 10: Please refer to the Output Noise vs Output Mode table in the Typical Performance Characteristics section for more details.
Note 11: Datasheet min/max specifications are guaranteed by design, test, or statistical analysis.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com