Electronic Components Datasheet Search
  English  ▼

X  

LM5033 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5033
Description  100V Push-Pull Voltage Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5033 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM5033 Datasheet HTML 8Page - National Semiconductor (TI) LM5033 Datasheet HTML 9Page - National Semiconductor (TI) LM5033 Datasheet HTML 10Page - National Semiconductor (TI) LM5033 Datasheet HTML 11Page - National Semiconductor (TI) LM5033 Datasheet HTML 12Page - National Semiconductor (TI) LM5033 Datasheet HTML 13Page - National Semiconductor (TI) LM5033 Datasheet HTML 14Page - National Semiconductor (TI) LM5033 Datasheet HTML 15Page - National Semiconductor (TI) LM5033 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Bill of Materials (for the circuit of Figure 6)
Item
Device
Package
Value
BR1
Schottky diode bridge, Diodes,
Inc. BAT54BRW
SOT-363
30V, 0.2A
C1-4
Capacitor
1812
6.8 µF, 50V
C5
Capacitor
0805
0.47 µF, 25V
C6
Capacitor
0805
0.047 µF, 25V
C7, 12, 16, 20-23
Capacitor
0805
0.1 µF, 16V
C8, 9
Capacitor
0805
470 pF, 50V
C10, 11
Capacitor
1210
22 µF, 16 V
C13
Capacitor
0805
2200 pF, 16V
C14
Capacitor
0805
0.022 µF. 16V
C15, 24
Capacitor
0805
100 pF, 16V
C17
Capacitor
1206
4.7 µF, 16V
C18
Capacitor
0805
0.01 µF, 16V
C19
Capacitor
0805
1000 pF, 16V
D1
Dual Schottky diode, Vishay
BAT54C
SOT-23
30V, 0.2A
D2-5
Dual diode, Central Semi
CMPD2838
SOT-23
75V, 0.2A
L1
Inductor, TDK
RLF7030T-2R2M5R4
SMD
2.2 µH, 5.5A
L2
Inductor, TDK
SPM12535T-R60M220
SMD
550 nH, 22A
Q1, 2
N Channel MOSFET, Vishay
Si7852DP
PowerPAK SO-8
80V, 12.5A
Q3, 4
N Channel MOSFET, Vishay
Si7336DP
PowerPAK SO-8
30V, 30A
Q5
NPN 2N2222A Transistor
SOT-23
75V, 0.6A
Q6, 7
N Channel MOSFET, Zetex
ZXMN3A01
SOT-23
30V, 2 A
R1, 2
Resistor
1206
100 k
Ω, 1/4W
R3, 4
Resistor
2512
10
Ω,1W
R5, 6
Resistor
0805
5.11
Ω
R7
Resistor
0805
5.49
Ω
R8
Resistor
0805
499
Ω
R9
Resistor
0805
16.5 k
Ω
R10, 24
Resistor
0805
20 k
Ω
R11
Resistor
0805
5.9 k
Ω
R12
Resistor
0805
12.4 k
Ω
R13, 17
Resistor
0805
10 k
Ω
R14
Resistor
0805
200 k
Ω
R15
Resistor
0805
221 k
Ω
R16
Resistor
0805
2.0 k
Ω
R18, 19
Resistor
0805
4.99 k
Ω
R20
Resistor
1206
110 k
Ω,1W
R21
Resistor
0805
4.87 k
Ω
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com