Electronic Components Datasheet Search
  English  ▼

X  

LMX2470 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2470
Description  2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2470 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMX2470 Datasheet HTML 1Page - National Semiconductor (TI) LMX2470 Datasheet HTML 2Page - National Semiconductor (TI) LMX2470 Datasheet HTML 3Page - National Semiconductor (TI) LMX2470 Datasheet HTML 4Page - National Semiconductor (TI) LMX2470 Datasheet HTML 5Page - National Semiconductor (TI) LMX2470 Datasheet HTML 6Page - National Semiconductor (TI) LMX2470 Datasheet HTML 7Page - National Semiconductor (TI) LMX2470 Datasheet HTML 8Page - National Semiconductor (TI) LMX2470 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Connection Diagram
24-Pin CSP (SLE) Package
20059322
Pin Descriptions
Pin #
Pin
Name
I/O
Pin Description
1
CPoutRF
O
RF charge pump output.
2
GND
-
Ground
3
GND
-
RF Ground
4
GND
-
Ground for RF PLL digital circuitry.
5
FinRF
I
RF prescaler input. Small signal input from the VCO.
6
FinRF*
I
RF prescaler complimentary input. For single-ended operation, a bypass capacitor should
be placed as close as possible to this pin and be connected directly to the ground plane.
7
VccRF
RF PLL power supply voltage input. Must be equal to VccIF . May range from 2.25V to
2.75V. Bypass capacitors should be placed as close as possible to this pin and be
connected directly to the ground plane.
8
EN
I
Chip enable input. High impedance CMOS input. When EN is high, the chip is powered
up, otherwise it is powered down.
9
ENOSC
I
This pin should be grounded for normal operation.
10
CLK
I
MICROWIRE Clock. High impedance CMOS Clock input. Data for the various counters is
clocked into the 24 bit shift register on the rising edge.
11
DATA
I
MICROWIRE Data. High impedance binary serial data input.
12
LE
MICROWIRE Load Enable. High impedance CMOS input. Data stored in the shift
registers is loaded into the internal latches when LE goes HIGH
13
Ftest/LD
O
Test frequency output / Lock Detect
14
VddIF
-
Digital power supply for IF PLL
15
VccIF
-
IF power supply voltage input. Must be equal to VccRF. Input may range from 2.25 V to
2.75 V. Bypass capacitors should be placed as close as possible to this pin and be
connected directly to the ground plane.
16
GND
-
Ground for RF PLL digital circuitry.
17
FinIF
I
IF prescaler input. Small signal input from the VCO.
18
GND
-
Digital ground for IF PLL
19
CPoutIF
O
IF PLL charge pump output
20
FLoutIF
O
IF Fastlock Output. Also functions as Programmable TRI-STATE CMOS output.
21
OSCout*
I/O
Complementary reference input or oscillator output.
22
OSCin
I
Reference input
23
VddRF
-
Digital power supply for RF PLL
24
FLoutRF
O
RF Fastlock Output. Also functions as Programmable TRI-STATE CMOS output.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com