Electronic Components Datasheet Search
  English  ▼

X  

LTC1872 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1872
Description  Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1872 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1872 Datasheet HTML 3Page - Linear Technology LTC1872 Datasheet HTML 4Page - Linear Technology LTC1872 Datasheet HTML 5Page - Linear Technology LTC1872 Datasheet HTML 6Page - Linear Technology LTC1872 Datasheet HTML 7Page - Linear Technology LTC1872 Datasheet HTML 8Page - Linear Technology LTC1872 Datasheet HTML 9Page - Linear Technology LTC1872 Datasheet HTML 10Page - Linear Technology LTC1872 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1872
APPLICATIONS INFORMATION
Inductor Selection
When selecting the inductor, keep in mind that inductor
saturation current has to be greater than the current limit
set by the current sense resistor. Also, keep in mind that
the DC resistance of the inductor will affect the efficiency.
Off the shelf inductors are available from Murata, Coilcraft,
Toko, Panasonic, Coiltronics and many other suppliers.
Power MOSFET Selection
The main selection criteria for the power MOSFET are the
threshold voltage VGS(TH), the “on” resistance RDS(ON),
reverse transfer capacitance CRSS and total gate charge.
Since the LTC1872 is designed for operation down to low
input voltages, a logic level threshold MOSFET (RDS(ON)
guaranteed at VGS = 2.5V) is required for applications that
work close to this voltage. When these MOSFETs are used,
make sure that the input supply to the LTC1872 is less than
the absolute maximum VGS rating, typically 8V.
The required minimum RDS(ON) of the MOSFET is gov-
erned by its allowable power dissipation given by:
R
P
DC I
p
DS ON
P
IN
() ≅ () +
()
2
1
δ
where PP is the allowable power dissipation and δp is the
temperature dependency of RDS(ON). (1 + δp) is generally
given for a MOSFET in the form of a normalized RDS(ON) vs
temperature curve, but
δp = 0.005/°C can be used as an
approximation for low voltage MOSFETs. DC is the maxi-
mum operating duty cycle of the LTC1872.
Output Diode Selection
Under normal load conditions, the average current con-
ducted by the diode in a boost converter is equal to the
output load current:
II
D avg
OUT
() =
It is important to adequately specify the diode peak current
and average power dissipation so as not to exceed the
diode ratings.
Schottky diodes are recommended for low forward drop
and fast switching times. Remember to keep lead length
short and observe proper grounding (see Board Layout
Checklist) to avoid ringing and increased dissipation.
CIN and COUT Selection
To prevent large input voltage ripple, a low ESR input
capacitor sized for the maximum RMS current must be
used. The maximum RMS capacitor current for a boost
converter is approximately equal to:
CI
IN
RIPPLE
Required IRMS ≈
()
03
.
where IRIPPLE is as defined in the Inductor Value Calcula-
tion section.
Note that capacitor manufacturer’s ripple current ratings
are often based on 2000 hours of life. This makes it
advisable to further derate the capacitor, or to choose a
capacitor rated at a higher temperature than required.
Several capacitors may be paralleled to meet the size or
height requirements in the design. Due to the high operat-
ing frequency of the LTC1872, ceramic capacitors can also
be used for CIN. Always consult the manufacturer if there
is any question.
The selection of COUT is driven by the required effective
series resistance (ESR). Typically, once the ESR require-
ment is satisfied, the capacitance is adequate for filtering.
The output ripple (
∆VOUT) is approximated by:
∆VI
VV
V
I
ESR
fC
OUT
O
OUT
D
IN
RIPPLE
OUT
ť
+
+


•
+
2
1
2
2
2
1
2
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com