Electronic Components Datasheet Search
  English  ▼

X  

PLL1700E/2K Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1700E/2K
Description  MULTI-CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLL1700E/2K Datasheet(HTML) 9 Page - Texas Instruments

Back Button PLL1700E/2K Datasheet HTML 5Page - Texas Instruments PLL1700E/2K Datasheet HTML 6Page - Texas Instruments PLL1700E/2K Datasheet HTML 7Page - Texas Instruments PLL1700E/2K Datasheet HTML 8Page - Texas Instruments PLL1700E/2K Datasheet HTML 9Page - Texas Instruments PLL1700E/2K Datasheet HTML 10Page - Texas Instruments PLL1700E/2K Datasheet HTML 11Page - Texas Instruments PLL1700E/2K Datasheet HTML 12Page - Texas Instruments PLL1700E/2K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PLL1700
9
SBOS096A
www.ti.com
CONNECTION DIAGRAM
Figure 10 shows the typical connection circuit for the
PLL1700. There are three grounds for digital, analog and
PLL power supply. However, the use of one common
ground connection is recommended to avoid latch-up
problems. Power supplies should be bypassed as close
as possible to the device.
MPEG-2 APPLICATIONS
Typical applications for the PLL1700 are MPEG-2 based
systems such as DVD players, DVD add-on cards for
multimedia PCs, digital HDTV systems, and set-top boxes.
The PLL1700 provides audio system clocks for a CD-DA
DSP, DVD DSP, Karaoke DSP, and DAC(s) from a
27MHz video clock.
FIGURE 11. PLL1700 System Application Block Diagram.
FIGURE 10. Typical Connection Diagram.
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
Clock
Output(3)
Mode
Control
0.1
µF and 10µF(1)
PLL1700E
ML/SR01
MODE
V
DD
GND
XT2
XT1
GNDP
V
DDP
RSV
MCKO
MC/FS1
MD/FS0
RST
SCKO3
V
DDB
GNDB
SCKO2
SCKO4
SCKO1
MCKO
C
3
C
2
0.1
µF
and
10
µF(1)
22
µF to 47µF
C
1
22
µF to 47µF
0.1
µF
and
10
µF(1)
C
5
C
4
(2)
+5V
+3.3 V
+
+
NOTES: (1) 0.1
µF ceramic and 10µF electrolytic capacitor typical, depending on quality of power supply and pattern layout.
(2) 27MHz quartz crystal and 10pF through two 33pF ceramic capacitors.
(3) To achieve best possible jitter performance, it is recommended to minimize the load capacitance on the clock output.
PCM1716
PCM1716
PCM1716
Front
Surround
Center
Subwoofer
384f
S
768f
S
256f
S
SCKO3
SCKO4
SCKO2
MCKO
PLL1700
27MHz
27MHz
Crystal
CD-DA/
DVD DSP
MPEG/AC-3
Audio Decoder
Karaoke
DSP
SCKO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com