Electronic Components Datasheet Search
  English  ▼

X  

SLTS020A Datasheet(PDF) 2 Page - Texas Instruments

Part # SLTS020A
Description  1500 VDC Isolation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS020A Datasheet(HTML) 2 Page - Texas Instruments

  SLTS020A Datasheet HTML 1Page - Texas Instruments SLTS020A Datasheet HTML 2Page - Texas Instruments SLTS020A Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
18V
24V
32V
40V
Vin
40
50
60
70
80
90
100
0.25
0.5
0.75
1
1.25
18V
24V
32V
40V
Vin
40
50
60
70
80
90
100
0.25
0.5
0.75
1
18V
24V
32V
40V
Vin
10
30
50
70
90
110
0
0.5
1
1.5
2
2.5
3
40V
32V
24V
18V
Vin
10
30
50
70
90
110
0.25
0.5
0.75
1
1.25
40V
32V
24V
18V
Vin
10
30
50
70
90
110
0.25
0.5
0.75
1
40V
32V
24V
18V
Vin
0
0.5
1
1.5
2
2.5
3
18
20
22
24
26
28
30
32
34
36
38
40
NO DERATING @ 85
°C
0
0.25
0.5
0.75
1
1.25
18
20
22
24
26
28
30
32
34
36
38
40
0
0.2
0.4
0.6
0.8
1
18
20
22
24
26
28
30
32
34
36
38
40
NO DERATING @ 85
°C
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
18V
24V
32V
40V
Vin
0
1
2
3
4
5
0.25
0.5
0.75
1
1.25
18V
24V
32V
40V
Vin
0
1
2
3
4
5
0.25
0.5
0.75
1
40V
32V
24V
18V
Vin
NO DERATING @ 85˚C
PT4100—24V
15 Watt Isolated DC-DC Converter
Note A:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the DC-DC Converter.
Note B:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM.
PT4105, 12.0 VDC (See Note A.)
PT4106, 15.0 VDC
(See Note A.)
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note B.)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
PT4104, 5.0 VDC
(See Note A.)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
Vin-(Volts)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Thermal Derating (Ta)
(See Note B.)
Thermal Derating (Ta)
(See Note B.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com