Electronic Components Datasheet Search
  English  ▼

X  

SLTS022B Datasheet(PDF) 1 Page - Texas Instruments

Part # SLTS022B
Description  1,500 VDC Isolation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS022B Datasheet(HTML) 1 Page - Texas Instruments

  SLTS022B Datasheet HTML 1Page - Texas Instruments SLTS022B Datasheet HTML 2Page - Texas Instruments SLTS022B Datasheet HTML 3Page - Texas Instruments SLTS022B Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4205 Series
3-7 Watt 24V-Input
Isolated DC/DC Converter
Ordering Information
Through-Hole
PT4205A = 3.3V/1.8A
PT4206A = 5V/1.2A
Surface Mount
PT4205C = 3.3V/1.8A
PT4206C = 5V/1.2A
Pin-Out Information
Pin
Function
1Vout
2Vout return
3
Do not connect
4
Do not connect
5
Do not connect
6
Do not connect
7
Sync input
8*
Vadj
9*
Nominal output
voltage resistor
10
Turn-on/off input
voltage adjust
11
Remote on/off
12
Do not connect
13
Do not connect
14
Do not connect
15
Do not connect
16
Do not connect
17
+Vin
18
-Vin
* Please note that when the
Vadj is not used, pin 8 must
be connected to pin 9.
• Wide Input Voltage Range:
18V to 36V
• 84% Efficiency
• 1,500 VDC Isolation
• 18 Pin - DIP Package
• 3.5 Million Hour MTBF
• Meets FCC/EN55022 Class A
• UL and CSA approved
• No External Components Required
• Adjustable Output Voltage
The PT4205 series of isolated DC/DC
converters employ high switching frequen-
cies, thick-film technology and a high degree
of silicon integration. The high reliability
and very low package height makes these
converters ideal for Telecom and Datacom
applications requiring input-to-output isola-
tion with board spacing down to 0.6”.
The PT4205 series is offered in a unique
molded through-hole or SMD-DIP package
with single output voltages of 3.3V and 5V.
(For dimensions and PC
board layout, see Package
Style 900.)
Package (Top View)
PT4205
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
-Vin
+Vin
NC
RC
TOA
+Vout
-Vout
NC
Sync
Vadj
NOR
SLTS022B
(Revised 1/3/2002)
Specifications
Characteristics
PT4205 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo = 3.3V
0
—
1.8
A
Vo = 5V
0
—
1.2
A
Current Limit
Icl
Vin = 24V
Vo = 3.3V
2.0
—
3.0
A
Vo = 5V
1.3
1.6
2.4
A
On/Off Standby Current
Iin standby
Vin = 24V, Pin 11 = -Vin
—
0.5
—
mA
Short Circuit Current
Isc
Vin = 24V
Vo = 3.3V
—
2.5
—
A
Vo = 5V
—
2.0
—
A
Inrush Current
Iir
Vin = 24V @ max Io
—
0.6
1.0
A
tir
On start-up
—
1.0
2.0
mSec
Input Voltage Range
Vin
Over Io Range
18 (1)
24
36
V
Output Voltage Tolerance
∆Vo
Over Io Range
—
±4
—
%Vo
Idling Voltage
Vo
Io = 0A
Vo = 3.3V
—
3.65
4.0
V
Vo = 5V
—
5.6
6.0
V
Ripple Rejection
RR
Over Vin range @ 120 Hz
—
60
—
dB
Line Regulation
Regline
Over Vin range @ max Io
—
±0.5
—
%Vo
Load Regulation
Regload
10% to 100% of Io max
—
±3
—
%Vo
Vo Ripple/Noise
Vn
Vin=24V, Io=Io max
—
3070mVpp
Transient Response
ttr
50% load change
—
100
300
µSec
Vo over/undershoot
—
3.0
5.0
%Vo
Efficiency
η
Vin=24V, Io=1.8A, Vo=3.3V
—
79
—
%
Vin=24V, Io=1.2A, Vo=5V
—
84
—
%
Switching Frequency
ƒo
Over Vin and Io
520
—
688
kHz
Pin Temperature
Tp
@ Pin 1
—
—
+95
°C
Operating Temperature
Ta
Vin = 24V @ max Io
-40
—
+85
°C
Free air convection, (40-60LFM)
Storage Temperature
Ts
—
-55
—
+125
°C
Mechanical Shock
—
Per Mil-STD-202F, Method 213B,
—50
—
G’s
6mS, half-sine, mounted to a PCB
Mechanical Vibration
—
Per Mil-STD-202F, Method 204D,
—10
—
G’s
10-500Hz, mounted to a PCB
Weight
—
—
—
20
—
grams
Isolation
—
—
1500
—
—
VDC
Flammability
—
Materials meet UL 94V-0
Notes (1) The minimum input voltage is adjustable. See the specific application note on the PT4200/4205/4300 Series.


Similar Part No. - SLTS022B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS020A TI1-SLTS020A Datasheet
153Kb / 3P
1500 VDC Isolation
SLTS021A TI-SLTS021A Datasheet
173Kb / 3P
15 Watt Isolated DC-DC Converter
SLTS021A TI1-SLTS021A Datasheet
180Kb / 4P
1500 VDC Isolation
SLTS027B TI-SLTS027B Datasheet
124Kb / 6P
Single Device: 5V Input Complimentary Dual Output:
More results

Similar Description - SLTS022B

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IH2424S-H XPPOWER-IH2424S-H Datasheet
95Kb / 1P
Optional 3000-6000 VDC isolation
logo
List of Unclassifed Man...
PCI-1715U-AE ETC2-PCI-1715U-AE Datasheet
227Kb / 1P
2,500 VDC isolation protection
logo
Micropac Industries
66170 MICROPAC-66170 Datasheet
64Kb / 2P
1500 Vdc isolation test voltage
66192 MICROPAC-66192 Datasheet
63Kb / 2P
1000 Vdc isolation test voltage
logo
XP Power Limited
JCE03 XPPOWER-JCE03 Datasheet
328Kb / 3P
1500 VDC Isolation, 3000 VDC Option
logo
Texas Instruments
PT3320 TI1-PT3320_09 Datasheet
202Kb / 9P
1500 VDC Isolation
PT3340 TI1-PT3340_14 Datasheet
218Kb / 11P
1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
1500 VDC Isolation
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
1500 VDC Isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com