Electronic Components Datasheet Search
  English  ▼

X  

MTD48 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MTD48
Description  3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MTD48 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MTD48 Datasheet HTML 1Page - National Semiconductor (TI) MTD48 Datasheet HTML 2Page - National Semiconductor (TI) MTD48 Datasheet HTML 3Page - National Semiconductor (TI) MTD48 Datasheet HTML 4Page - National Semiconductor (TI) MTD48 Datasheet HTML 5Page - National Semiconductor (TI) MTD48 Datasheet HTML 6Page - National Semiconductor (TI) MTD48 Datasheet HTML 7Page - National Semiconductor (TI) MTD48 Datasheet HTML 8Page - National Semiconductor (TI) MTD48 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DS90CF384A/DS90CF364A
+3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD)
Link—65 MHz, +3.3V LVDS Receiver 18-Bit Flat Panel
Display (FPD) Link—65 MHz
General Description
The DS90CF384A receiver converts the four LVDS data
streams (Up to 1.8 Gbps throughput or 227 Megabytes/sec
bandwidth) back into parallel 28 bits of CMOS/TTL data (24
bits of RGB and 4 bits of Hsync, Vsync, DE and CNTL). Also
available is the DS90CF364A that converts the three LVDS
data streams (Up to 1.3 Gbps throughput or 170 Megabytes/
sec bandwidth) back into parallel 21 bits of CMOS/TTL data
(18 bits of RGB and 3 bits of Hsync, Vsync and DE). Both
Receivers’ outputs are Falling edge strobe. A Rising edge or
Falling edge strobe transmitter (DS90C383A/DS90C363A)
will interoperate with a Falling edge strobe Receiver without
any translation logic.
The DS90CF384A / DS90CF364A devices are enhanced
over prior generation receivers and provided a wider data
valid time on the receiver output.
The DS90CF384A is also offered in a 64 ball, 0.8mm fine
pitch ball grid array (FBGA) package which provides a 44 %
reduction in PCB footprint compared to the 56L TSSOP
package.
This chipset is an ideal means to solve EMI and cable size
problems associated with wide, high speed TTL interfaces.
Features
n
20 to 65 MHz shift clock support
n
50% duty cycle on receiver output clock
n
Best–in–Class Set & Hold Times on RxOUTPUTs
n
Rx power consumption <142 mW (typ) @65MHz
Grayscale
n
Rx Power-down mode <200µW (max)
n
ESD rating >7 kV (HBM), >700V (EIAJ)
n
Supports VGA, SVGA, XGA and Dual Pixel SXGA.
n
PLL requires no external components
n
Compatible with TIA/EIA-644 LVDS standard
n
Low profile 56-lead or 48-lead TSSOP package
n
DS90CF384A is also available in a 64 ball, 0.8mm fine
pitch ball grid array (FBGA) package
Block Diagrams
DS90CF384A
DS90CF364A
10087027
Order Number DS90CF384AMTD or DS90CF384ASLC
See NS Package Number MTD56 or SLC64A
10087028
Order Number DS90CF364AMTD
See NS Package Number MTD48
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
February 2006
© 2006 National Semiconductor Corporation
DS100870
www.national.com


Similar Part No. - MTD48

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MTD48 FAIRCHILD-MTD48 Datasheet
88Kb / 6P
16-Bit Transparent Latch with 3-STATE Outputs
MTD48 FAIRCHILD-MTD48 Datasheet
80Kb / 6P
16-Bit Buffer/Line Driver with 3-STATE Outputs
MTD48 FAIRCHILD-MTD48 Datasheet
99Kb / 6P
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
MTD48 FAIRCHILD-MTD48 Datasheet
217Kb / 10P
Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
MTD48 FAIRCHILD-MTD48 Datasheet
106Kb / 8P
Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs
More results

Similar Description - MTD48

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF386 NSC-DS90CF386 Datasheet
302Kb / 16P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85 MHz
DS90CF364A NSC-DS90CF364A_07 Datasheet
439Kb / 18P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65MHz
DS90CF366 NSC-DS90CF366_06 Datasheet
781Kb / 16P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85MHz
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF384AQ TI1-DS90CF384AQ Datasheet
306Kb / 12P
DS90CF384AQ 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz
DS90CF384AMTDX TI1-DS90CF384AMTDX Datasheet
1Mb / 19P
DS90CF384A/DS90CF364A 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link - 65 MHz
DS90CF384AQ TI1-DS90CF384AQ_15 Datasheet
1Mb / 18P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com