Electronic Components Datasheet Search
  English  ▼

X  

MAC08BT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAC08BT1
Description  SENSITIVE GATE TRIACS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC08BT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MAC08BT1 Datasheet HTML 1Page - ON Semiconductor MAC08BT1 Datasheet HTML 2Page - ON Semiconductor MAC08BT1 Datasheet HTML 3Page - ON Semiconductor MAC08BT1 Datasheet HTML 4Page - ON Semiconductor MAC08BT1 Datasheet HTML 5Page - ON Semiconductor MAC08BT1 Datasheet HTML 6Page - ON Semiconductor MAC08BT1 Datasheet HTML 7Page - ON Semiconductor MAC08BT1 Datasheet HTML 8Page - ON Semiconductor MAC08BT1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MAC08BT1, MAC08MT1
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
PCB Mounted per Figure 1
R
θJA
156
°C/W
Thermal Resistance, Junction to Tab
Measured on MT2 Tab Adjacent to Epoxy
R
θJT
25
°C/W
Maximum Device Temperature for Soldering Purposes
(for 10 Seconds Maximum)
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 25°C
TJ = 110°C
IDRM,
IRRM
—
—
—
—
10
200
µA
µA
ON CHARACTERISTICS
Peak On–State Voltage(1)
(IT = "1.1 A Peak)
VTM
—
—
1.9
Volts
Gate Trigger Current (Continuous dc) All Quadrants
(VD = 12 Vdc, RL = 100 Ω)
IGT
—
—
10
mA
Holding Current (Continuous dc)
(VD = 12 Vdc, Gate Open, Initiating Current = "20 mA)
IH
—
—
5.0
mA
Gate Trigger Voltage (Continuous dc) All Quadrants
(VD = 12 Vdc, RL = 100 Ω)
VGT
—
—
2.0
Volts
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Commutation Voltage
(f = 250 Hz, ITM = 1.0 A, Commutating di/dt = 1.5 A/mS
On–State Current Duration = 2.0 mS, VDRM = 200 V,
Gate Unenergized, TC = 110°C,
Gate Source Resistance = 150
Ω, See Figure 10)
(dv/dt)c
1.5
—
—
V/
µs
Critical Rate–of–Rise of Off State Voltage
(Vpk = Rated VDRM, TC= 110°C, Gate Open, Exponential Method)
dv/dt
10
—
—
V/
µs
(1) Pulse Test: Pulse Width
≤ 300 µsec, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com