Electronic Components Datasheet Search
  English  ▼

X  

SLTS103B Datasheet(PDF) 2 Page - Texas Instruments

Part # SLTS103B
Description  5A Non-Isolated Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS103B Datasheet(HTML) 2 Page - Texas Instruments

  SLTS103B Datasheet HTML 1Page - Texas Instruments SLTS103B Datasheet HTML 2Page - Texas Instruments SLTS103B Datasheet HTML 3Page - Texas Instruments SLTS103B Datasheet HTML 4Page - Texas Instruments SLTS103B Datasheet HTML 5Page - Texas Instruments SLTS103B Datasheet HTML 6Page - Texas Instruments SLTS103B Datasheet HTML 7Page - Texas Instruments SLTS103B Datasheet HTML 8Page - Texas Instruments SLTS103B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT6880 Series
5-A, 15-36-V Input
Integrated Switching Regulator
SLTS103B -JULY 2000 - REVISED JANUARY 2003
Specifications (Unless otherwise stated, Ta =25°C, Vin =28V, Cin =560µF, Cout =330µF, and Io =Iomax)
PT6880 SERIES
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta =60°C, 200LFM
Vo ≤ 12V
0.1 (1)
—5
A
Vo > 12V
0.1 (1)
—4
Input Voltage Range
Vin
Over Io range
Vo = 2.5V
15
—
25 (2)
Vo = 3.3V
15
—
33 (2)
Vdc
Vo = 5.0V
15
—
36
Vo ≥ 6.5V
18
—
36
Set Point Voltage Tolerance
Vo tol
—
±0.5
±1
%Vo
Temperature Variation
Regtemp
–40°
≤Ta ≤ +85°C, Io =Iomin
—
±0.5
—
%Vo
Line Regulation
Regline
Over Vin range
—
±0.5
±1
%Vo
Load Regulation
Regload
Over Io range
—
±0.5
±1
%Vo
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
—
±1.5
±2
%Vo
–40°
≤Ta ≤ +85°C
Efficiency
η
Vo = 15V
—
90
—
Vo = 12V
—
88
—
Vo = 9.0V
—
87
—
%
Vo = 5.0V
—
82
—
Vo = 3.3V
—
73
—
Vo = 2.5V
—
78
—
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
Vo≤5V
—
50
—
mVpp
Vo>5V
—1
—%Vo
Transient Response
ttr
5A/µs load step, 50% to 100% Iomax
—
100
—
µs
∆Vtr
Vo over/undershoot
—
±100
—
mV
Switching Frequency
ƒs
Over Vin and Io range
500
550
600
kHz
On/Off Standby (Pin 4)
Referenced to GND (pin 6)
Input High Voltage
VIH
2.0
—
Open (3)
V
Input Low Voltage
VIL
–0.1
—
+0.4
Input Low Current
IIL
—
–0.5
–
mA
Standby Input Current
Iin standby
pins 4 & 6 connected
—
16
35
mA
External Input Capacitance
Cin
See application schematic
560 (4)
——µF
External Output Capacitance
Cout
See application schematic
330 (4)
—
1,000
µF
Operating Temperature Range
Ta
Over Vin range
–40
—
85 (5)
°C
Solder Reflow Temperature
Treflow
Surface temperature of module pins or case
—
—
215 (6)
°C
Storage Temperature
Ts
—
–40
—
125
°C
Reliability
MTBF
Per Bellcore TR-332
7.7
—
—
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
—
Per Mil-Std-883D, method 2002.3,
—
500
—
G’s
1ms, half-sine, mounted to a fixture
Mechanical Vibration
—
Mil-Std-883D, Method 2007.2,
Suffix N, A
—
20 (7)
—
G’s
20-2000Hz, soldered in PCB
Suffix C
—
15 (7)
—
Weight
—
—
23
—
grams
Flammability
—
Materials meet UL 94V-0
Notes:
(1) The ISR will operate at no load with reduced specifications.
(2) The stated maximum input voltage assumes the nominal output voltage. If the output voltage is adjusted (trimmed) to some other value, consult the
related application note on output voltage adjustment for the revised input voltage limitations.
(3) The STBY* control (pin 4) has an internal pull-up and if it is left open circuit the module will operate when input power is applied. The open-circuit
voltage is low (less than 5V). Consult the related application note for interface considerations.
(4) For guidance on suitable input and output capacitors consult the accompanying application note, “Capacitor Recommendations for the PT6880 Series.”
(5) See Safe Operating Area curves or contact the factory for the appropriate derating.
(6) During solder reflow of SMD package version do not elevate the module case, pins, or internal component temperatures above a peak of 215°C. For
further guidance refer to the application note, “Reflow Soldering Requirements for Plug-in Power Surface Mount Products,” (SLTA051).
(7) The case pins on through-hole package types (suffixes N & A) must be soldered. For more information consult the applicable package outline drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com