Electronic Components Datasheet Search
  English  ▼

X  

SLTS048B Datasheet(PDF) 2 Page - Texas Instruments

Part # SLTS048B
Description  High Efficiency
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS048B Datasheet(HTML) 2 Page - Texas Instruments

  SLTS048B Datasheet HTML 1Page - Texas Instruments SLTS048B Datasheet HTML 2Page - Texas Instruments SLTS048B Datasheet HTML 3Page - Texas Instruments SLTS048B Datasheet HTML 4Page - Texas Instruments SLTS048B Datasheet HTML 5Page - Texas Instruments SLTS048B Datasheet HTML 6Page - Texas Instruments SLTS048B Datasheet HTML 7Page - Texas Instruments SLTS048B Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
17 A, 12-V Input “Big-Hammer II”
Programmable ISR
PT7720 Series
Programming Information
PT7721
PT7722
VID4=1
VID4=0
VID4=1
VID4=0
VID3 VID2 VID1 VID0
Vout
Vout
Vout
Vout
1
1
1
1
2.0V
1.30V
4.5V
6.1V
1
1
1
0
2.1V
1.35V
4.6V
6.2V
1
1
0
1
2.2V
1.40V
4.7V
6.3V
1
1
0
0
2.3V
1.45V
4.8V
6.4V
1
0
1
1
2.4V
1.50V
4.9V
6.5V
1
0
1
0
2.5V
1.55V
5.0V
6.6V
1
0
0
1
2.6V
1.60V
5.1V
6.7V
1
0
0
0
2.7V
1.65V
5.2V
6.8V
0
1
1
1
2.8V
1.70V
5.3V
6.9V
0
1
1
0
2.9V
1.75V
5.4V
7.0V
0
1
0
1
3.0V
1.80V
5.5V
7.1V
0
1
0
0
3.1V
1.85V
5.6V
7.2V
0
0
1
1
3.2V
1.90V
5.7V
7.3V
0
0
1
0
3.3V
1.95V
5.8V
7.4V
0
0
0
1
3.4V
2.00V
5.9V
7.5V
0
0
0
0
3.5V
2.05V
6.0V
7.6V
Logic 0 = Pin 12 potential (remote sense gnd)
Logic 1 = Open circuit (no pull-up resistors)
VID3 and VID4 may not be changed while the unit is operating.
Specifications (Unless otherwise stated, Ta =25°C, Vin =12V, Cin =560µF, Cout =1200µF, and Io =Iomax)
PT7720 SERIES
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta
= +60°C, 200 LFM, pkg N,
Vo
≤5V
0.1 (1)
—
17 (2)
A
Ta
= +25°C, natural convection,
Vo
≤5V
0.1 (1)
—
17 (2)
Output Power
Po
Ta
= +60°C, 200 LFM, pkg N,
Vo
≥5V
—
—
85
W
Ta
= +25°C, natural convection,
Vo
≥5V
—
—
85
Input Voltage Range
Vin
0.1A
≤ Io ≤ 17A
11.0
—
14.0
V
Output Voltage Tolerance
∆Vo
0°C
≤ Ta ≤ +60°C
(PT7721)
Vo–0.03
—
Vo+0.03
V
(PT7722)
—
±1
±2
%Vo
Line Regulation
Regline
11V
≤ Vin ≤ 14V (with remote sense)
—
±5
±10
mV
Load Regulation
Regload
0.1
≤ Io ≤ 17A (with remote sense)
—
±5
±10
mV
Vo Ripple/Noise
Vn
(PT7721)
—
50
—
mVpp
(PT7722)
—
100
—
Transient Response
ttr
Io step between 7.5A and 15A
—
100
—
µSec
with Cout = 1200µF
Vos
Vo over/undershoot
—
200
—
mV
Efficiency
η
Io = 10A
Vo =5.0V
—
90
—
Vo = 3.3V
—
88
—
%
Vo = 2.5V
—
85
—
Vo = 1.5V
—
78
—
Switching Frequency
ƒs
11V
≤ Vin ≤ 14V
300
350
400
kHz
0.1A
≤ Io ≤ 17A
Operating Temperature Range
Ta
—0
—
+85 (3)
°C
Storage Temperature
Ts
—
-40
—
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3 , 1 msec,
—
TBD
—
G’s
Half Sine, mounted to a fixture
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
—
TBD
—
G’s
20-2000 Hz, Soldered in a PC board
Weight
—
Vertical
—
53
—
grams
Horizontal
—
66
—
Notes: (1) The ISR will operate down to no load with reduced specifications. Please note that this product is not short-circuit protected.
(2) The PT7720 series can be easily paralleled with one or more of the PT7748 Current Boosters to provide increased output current in increments of 17A.
(3) See Safe Operating Area curves or contact the factory for the appropriate derating.
Output Capacitors:
The PT7720 series requires a minimum output capacitance of 1200µF for proper operation. Do not use Oscon type capacitors. The maximum allow-
able output capacitance is (57,000
÷ Vout)µF, or 15,000µF, whichever is less.
Input Filter:
An input inductor is optional for most applications. The input inductor must be sized to handle 7ADC with a typical value of 1µH. The input capacitance
must be rated for a minimum of 4 Arms of ripple current when operated at maximum output current and maximum output voltage. Contact an applications specialist
for input capacitor selection for applications at other output voltages and output currents.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com