Electronic Components Datasheet Search
  English  ▼

X  

SLTS055A Datasheet(PDF) 2 Page - Texas Instruments

Part # SLTS055A
Description  Sledge Hammer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS055A Datasheet(HTML) 2 Page - Texas Instruments

  SLTS055A Datasheet HTML 1Page - Texas Instruments SLTS055A Datasheet HTML 2Page - Texas Instruments SLTS055A Datasheet HTML 3Page - Texas Instruments SLTS055A Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TYPICAL
CHARACTERISTICS
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Ordering Information
PT7772
❏
❏
❏
❏
❏ = 1.3 to 2.05 Volts
Programming Information
VID3 VID2 VID1 VID0
Vout
1
1
1
1
1.30V
1
1
1
0
1.35V
1
1
0
1
1.40V
1
1
0
0
1.45V
1
0
1
1
1.50V
1
0
1
0
1.55V
1
0
0
1
1.60V
1
0
0
0
1.65V
0
1
1
1
1.70V
0
1
1
0
1.75V
0
1
0
1
1.80V
0
1
0
0
1.85V
0
0
1
1
1.90V
0
0
1
0
1.95V
0
0
0
1
2.00V
0
0
0
0
2.05V
Logic 0 = Pin 12 potential (remote sense gnd)
Logic 1 = Open circuit (no pull-up resistors)
VID3 may not be changed while the unit is operating.
For dimensions and PC board layout, see
Package Style 1020 and 1030
Features
• +3.3V input
• 4-bit Programmable:
1.3V to 2.05V@32A
• High Efficiency
• Differential Remote Sense
• Parallelable with PT7746
32A “Current Booster”
• 27-pin SIP Package
Package Style N, Vout=+1.8V
Output Current (A)
Output Current (A)
Output Current (A)
Output Current (A)
Output Current (A)
Airflow
Power Dissipation vs Output Current
Output Ripple vs Output Current
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
20
30
40
50
60
70
80
90
0
4
8
1216
202428
32
Nat. Conv
60 LFM
120 LFM
200 LFM
Efficiency vs Output Current
Safe Operating Area, V
IN =3.3V
(See Note B)
Characteristic Data, V
IN
=3.3V (See Note A)
Note A: All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical for the ISR.
Note B: SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT7772—3.3V
32 Amp “Sledge Hammer”
Programmable ISR
40
50
60
70
80
90
0
5
10
15
20
25
30
Output Current (A)
1.8V
1.5V
VOUT
0
10
20
30
40
0
5
10
15
20
25
30
Output Current (A)
1.5V
1.8V
VOUT
0
5
10
15
20
0
5
10
15
20
25
30
Output Current (A)
1.5V
1.8V
VOUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com